Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAP-450 Datasheet(PDF) 1 Page - Fuji Electric

Part # FAP-450
Description  N-channel MOS-FET(500V, 0,38廓, 14A, 190W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FAP-450 Datasheet(HTML) 1 Page - Fuji Electric

  FAP-450 Datasheet HTML 1Page - Fuji Electric FAP-450 Datasheet HTML 2Page - Fuji Electric FAP-450 Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FAP-450
N-channel MOS-FET
FAP-IIS Series
500V
0,38Ω 14A 190W
> Features
> Outline Drawing
-
High Speed Switching
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Voltage
-
VGS = ± 30V Guarantee
-
Repetitive Avalanche Rated
> Applications
-
Switching Regulators
-
UPS
-
DC-DC converters
-
General Purpose Power Amplifier
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
500
V
Continous Drain Current
I D
14
A
Pulsed Drain Current
I D(puls)
56
A
Gate-Source-Voltage
V GS
±30
V
Avalanche Current
I AR
14
*2
A
Maximum Avalanche Energy
E AS
760
*1
mJ
Max. Power Dissipation
P D
190
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
*1) VCC = 50V; L = 7mH; IAS = 14A; RG = 50
Ω; Starting T
ch = 25°C (See Fig. 1 & 2)
*2) Repetitive Rating : Pulse Width limited by max. Channel Temperature
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
BV DSS
ID=1mA
VGS=0V
500
V
Gate Threshhold Voltage
V GS(th)
ID=250µA
VDS=VGS
3,0
3,0
4,0
V
Zero Gate Voltage Drain Current
I DSS
VDS=500V
Tch=25°C
25
µA
VGS=0V
Tch=125°C
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±30V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=8A
VGS=10V
0,32
0,38
Ω
Forward Transconductance
g fs
ID=8A
VDS=25V
7
14
S
Input Capacitance
C iss
VDS=25V
2200
pF
Output Capacitance
C oss
VGS=0V
330
pF
Reverse Transfer Capacitance
C rss
f=1MHz
140
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=250V
18
ns
t r
VGS=10V
70
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
RG = 6,1W
130
ns
t f
RD = 20
Ω
70
ns
Avalanche Capability
I AV
L = 100µH
Tch=25°C
4
A
Total Gate Charge
C iss
VCC=400V
170
nC
Gate-Source Charge
C oss
VGS=10V
20
nC
Gate-Drain Charge
C rss
ID = 14A
90
nC
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
1,0
1,5
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
700
ns
Reverse Recovery Charge
Q rr
-dIF/dt=100A/µs Tch=25°C
9,0
µC
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-a)
channel to ambient
35
°C/W
R th(ch-c)
channel to case
0,65
°C/W
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX - 75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com
Fuji Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX 75370 - 972-733-1700 - www.fujisemiconductor.com


Similar Part No. - FAP-450

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FAP-450 ISC-FAP-450 Datasheet
347Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FAP-450

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
500V, 14A N-Channel MOSFET
logo
Renesas Technology Corp
RJK5013DPP-E0 RENESAS-RJK5013DPP-E0 Datasheet
88Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
14A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
500V, 14A N-Channel MOSFET
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
500V, 14A N-Channel MOSFET
logo
Renesas Technology Corp
RJK5013DPP-E0 RENESAS-RJK5013DPP-E0_15 Datasheet
88Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
RJK5013DPP-A0 RENESAS-RJK5013DPP-A0 Datasheet
171Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
Mar.10.2021
RJL5013DPP-A0 RENESAS-RJL5013DPP-A0 Datasheet
171Kb / 7P
500V - 14A - MOS FET High Speed Power Switching
Mar.23.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com