Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1155CSWTR Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1155CSWTR
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSWTR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1155CSWTR Datasheet HTML 2Page - Semtech Corporation SC1155CSWTR Datasheet HTML 3Page - Semtech Corporation SC1155CSWTR Datasheet HTML 4Page - Semtech Corporation SC1155CSWTR Datasheet HTML 5Page - Semtech Corporation SC1155CSWTR Datasheet HTML 6Page - Semtech Corporation SC1155CSWTR Datasheet HTML 7Page - Semtech Corporation SC1155CSWTR Datasheet HTML 8Page - Semtech Corporation SC1155CSWTR Datasheet HTML 9Page - Semtech Corporation SC1155CSWTR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1155
PRELIMINARY
AC Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
n
o
i
t
c
e
t
o
r
P
e
g
a
t
l
o
v
r
e
v
O
e
m
i
T
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
o
t
a
r
a
p
m
o
Ct
P
O
R
P
V
O
1s
µ
r
o
t
a
r
a
p
m
o
c
s
e
d
u
l
c
n
I
(
e
m
i
T
h
c
t
il
g
e
D
)
e
m
i
t
y
a
l
e
d
n
o
i
t
c
e
t
o
r
p
t
L
G
D
P
V
O
13
s
µ
g
n
i
s
n
e
S
s
d
V
e
d
i
S
-
h
g
i
H
e
m
i
T
e
s
n
o
p
s
e
Rt
P
S
E
R
S
D
V
V
E
S
N
E
S
I
H
V
,
V
2
1
=
O
L
T
U
O
I
d
e
s
l
u
p
e
s
i
r
s
n
0
0
1
,
V
9
.
1
1
o
t
V
2
1
m
o
r
f
s
e
m
i
t
ll
a
f
d
n
a
2s
µ
V
E
S
N
E
S
I
H
V
,
V
5
.
4
=
O
L
T
U
O
I
d
e
s
l
u
p
e
s
i
r
s
n
0
0
1
,
V
4
.
4
o
t
V
5
.
4
m
o
r
f
s
e
m
i
t
ll
a
f
d
n
a
3s
µ
V
E
S
N
E
S
I
H
V
,
V
3
=
O
L
T
U
O
I
d
e
s
l
u
p
e
s
i
r
s
n
0
0
1
,
V
9
.
2
o
t
v
0
.
3
m
o
r
f
s
e
m
i
t
ll
a
f
d
n
a
3s
µ
e
g
d
E
g
n
i
s
i
R
n
o
i
t
c
e
t
o
r
P
t
i
u
c
r
i
C
t
r
o
h
S
y
a
l
e
D
t
D
E
R
S
D
V
d
e
d
n
u
o
r
g
E
S
N
E
S
O
L0
0
30
0
5s
n
f
f
o
-
n
r
u
t
/
n
o
-
n
r
u
t
h
c
t
i
w
S
d
l
o
H
/
e
l
p
m
a
S
y
a
l
e
D
t
Y
L
D
X
W
S
V
<
V
3
E
S
N
E
S
I
H
V
1
1
<
V
E
S
N
E
S
O
L
V
=
E
S
N
E
S
I
H
0
30
0
1s
n
d
o
o
G
r
e
w
o
P
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
o
t
a
r
a
p
m
o
Ct
D
G
R
W
P
1s
µ
t
r
a
t
s
t
f
o
S
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
r
o
t
a
r
a
p
m
o
Ct
T
S
L
S
V
m
0
1
=
e
v
i
r
d
r
e
v
o0
6
50
0
9s
n
e
m
i
t
d
a
e
D
e
m
i
T
p
a
l
r
e
v
o
n
o
N
r
e
v
i
r
Dt
L
O
N
C
R
D
W
O
L
n
o
d
l
o
h
s
e
r
h
t
%
0
1
,
F
n
9
=
R
D
W
O
L
0
30
0
1s
n
V
R
D
O
L
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
PT
Y
L
D
V
R
D
O
L
0
0
4s
n
Notes:
(1) Guaranteed, but not tested.
(2) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com