Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1155CSWTR Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1155CSWTR
Description  Programmable Synchronous DC/DC Hysteretic Controller with VRM 9.0VID Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1155CSWTR Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1155CSWTR Datasheet HTML 4Page - Semtech Corporation SC1155CSWTR Datasheet HTML 5Page - Semtech Corporation SC1155CSWTR Datasheet HTML 6Page - Semtech Corporation SC1155CSWTR Datasheet HTML 7Page - Semtech Corporation SC1155CSWTR Datasheet HTML 8Page - Semtech Corporation SC1155CSWTR Datasheet HTML 9Page - Semtech Corporation SC1155CSWTR Datasheet HTML 10Page - Semtech Corporation SC1155CSWTR Datasheet HTML 11Page - Semtech Corporation SC1155CSWTR Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
 2001 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1155
PRELIMINARY
Pin Configuration
Ordering Information
Pin Descriptions
Top View
(28-Pin SOIC)
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1T
U
O
I
d
e
r
u
s
a
e
m
s
a
t
n
e
r
r
u
c
d
a
o
l
e
h
t
o
t
l
a
n
o
i
t
r
o
p
o
r
p
s
i
n
i
p
s
i
h
t
n
o
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
T
.
t
u
O
t
n
e
r
r
u
C
D
R
x
2
o
t
l
a
u
q
e
y
l
e
t
a
m
i
x
o
r
p
p
a
s
i
d
n
a
,
T
E
F
S
O
M
e
d
i
s
h
g
i
h
e
h
t
s
s
o
r
c
a
x
)
N
O
(
S
I
.
D
A
O
L
2
P
O
O
R
D
a
s
a
p
o
o
r
d
t
n
i
o
p
-
t
e
s
e
g
a
t
l
o
v
t
u
p
t
u
o
f
o
t
n
u
o
m
a
e
h
t
t
e
s
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
e
g
a
t
l
o
V
p
o
o
r
D
.
D
N
G
A
d
n
a
T
U
O
I
n
e
e
w
t
e
b
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
a
y
b
t
e
s
s
i
e
g
a
t
l
o
v
e
h
T
.
t
n
e
r
r
u
c
d
a
o
l
f
o
n
o
i
t
c
n
u
f
3P
C
O
a
y
b
n
o
i
t
c
e
t
o
r
p
t
n
e
r
r
u
c
r
e
v
o
r
o
f
t
n
i
o
p
p
i
r
t
e
h
t
t
e
s
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
C
r
e
v
O
.
D
N
G
A
d
n
a
T
U
O
I
n
e
e
w
t
e
b
r
e
d
i
v
i
d
r
o
t
s
i
s
e
r
4T
S
Y
H
V
r
o
t
s
i
s
e
r
a
y
b
d
e
r
i
u
q
e
r
s
i
s
e
r
e
t
s
y
h
f
o
t
n
u
o
m
a
e
h
t
t
e
s
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
n
i
P
t
e
S
s
i
s
e
r
e
t
s
y
H
.
D
N
G
A
d
n
a
B
F
E
R
V
n
e
e
w
t
e
b
r
e
d
i
v
i
d
5B
F
E
R
V.
)
y
r
t
i
u
c
r
i
c
D
I
V
m
o
r
f
(
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
d
e
r
e
f
f
u
B
6E
S
N
E
S
V.
e
s
n
e
S
e
g
a
t
l
o
V
t
u
p
t
u
O
7D
N
G
A.
d
n
u
o
r
G
l
a
t
i
g
i
D
d
n
a
g
o
l
a
n
A
l
a
n
g
i
S
ll
a
m
S
8T
S
T
F
O
S
.
y
a
l
e
d
e
m
i
t
e
h
t
s
t
e
s
D
N
G
A
o
t
n
i
p
s
i
h
t
m
o
r
f
r
o
t
i
c
a
p
a
c
a
g
n
i
t
c
e
n
n
o
C
.
t
r
a
t
S
t
f
o
S
9C
N.
d
e
t
c
e
n
n
o
c
t
o
N
0
1V
R
D
O
L
s
i
B
I
H
O
L
n
e
h
W
.
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
s
e
l
b
a
n
e
V
5
+
o
t
n
i
p
s
i
h
t
g
n
i
t
c
e
n
n
o
C
.
l
o
r
t
n
o
C
e
v
i
r
D
w
o
L
.
R
D
W
O
L
l
o
r
t
n
o
c
o
t
d
e
s
u
e
b
n
a
c
n
i
p
s
i
h
t
,
d
e
d
n
u
o
r
g
1
1B
I
H
O
L
.
t
n
e
r
r
u
c
u
r
h
t
-
t
o
o
h
s
e
t
a
n
i
m
il
e
o
t
d
e
s
u
s
i
n
i
p
s
i
h
T
.
t
i
b
i
h
n
I
e
d
i
S
w
o
L
2
1D
N
G
V
R
D
.
n
i
p
s
i
h
t
o
t
d
e
t
c
e
n
n
o
c
s
i
d
n
u
o
r
g
r
o
t
i
c
a
p
a
c
t
u
p
t
u
o
e
r
u
s
n
I
.
d
n
u
o
r
G
r
e
w
o
P
3
1R
D
W
O
L
.
T
E
F
S
O
M
e
d
i
s
w
o
l
f
o
e
t
a
g
o
t
t
c
e
n
n
o
C
.
t
u
p
t
u
O
r
e
v
i
r
D
e
d
i
S
w
o
L
e
c
i
v
e
D
)
1
(
e
g
a
k
c
a
PT
(
e
g
n
a
R
p
m
e
T
J)
R
T
.
W
S
C
5
5
1
1
C
S8
2
-
O
SC
°
5
2
1
o
t
°
0
B
V
E
5
5
1
1
C
Sd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
Note:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com