Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # MQFP
Description  Amkor?셲 MQFP IC package portfolio provides
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MQFP Datasheet(HTML) 1 Page - Amkor Technology

  MQFP Datasheet HTML 1Page - Amkor Technology MQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
MQFP
Features:
Thermal Resistance:
Electrical:
Reliability:
LEADFRAME
www.amkor.com
Metric Quad Flat
Pack (MQFP)
Packages:
Amkor’s MQFP package portfolio enables
the designer, specifier or systems engineer
the flexibility of growing or shrinking IC
package size based upon application need.
Amkor employs the most up-to-date,
advanced equipment, material and
processes to assure successful, reliable
performance of your IC chips. Having a
complete line of MQFPs available and at
your disposal means security and conven-
ience. Sourcing them from Amkor means
success.
Thermal
Enhancement:
Some designs and applications require an
added margin of thermal performance
(power). Amkor’s easy and cost-effective
solution is a heatspreader. This optional
embedded thermal aid improves Theta JA
by greater than 15% (without external
heatsinks or fans) by increasing the heat
dissipation path from the IC chip to the
PCB.
Applications:
Amkor’s MQFP line is adapted to meet the
increasing challenges of advancing proces-
sors/controllers, DSP, ASIC, video-DAC, PC
chip-sets, gate arrays, logic, multi-media
and other technologies. These packages fill
many end application needs in consumer,
commercial, office, automotive, PC, indus-
trial and other product areas.
Amkor’s MQFP IC package portfolio provides:
• 10 x 10 mm to 40 x 40 mm body size
• 44 to 304 lead counts
• Hi-conductivity copper leadframes
• Die up and down configurations
• JEDEC standard compliant
• Wide selection of leadframe die pad sizes
• Integrated thermal enhancement
• Heatspreader available
• Custom leadframe design available
• Fine pitch wire bond capability
• Lead free option available
Multi-Layer PCB
Body
Theta JA (°C/W) by Velocity (LFPM)
Pkg
Size (mm)
Pad Size
0
200
500
44 ld
10 x 10
7.4 x 7.4
38.4
32.1
29.4
64 ld
14 x 14
8.9 x 8.9
33.7
27.9
25.5
JEDEC Standard Test Boards
Multi-Layer PCB
Body
Theta JA (°C/W) by Velocity (LFPM)
Pkg
Size (mm)
Pad Size
0
200
500
**44 ld
10 x 10
7.4 x 7.4
37.5
31.8
29.4
**64 ld
14 x 14
8.9 x 8.9
32.7
27.4
25.1
*100 ld
14 x 20
11.0 x 11.0
27.3
23.5
21.6
*208 ld
28 x 28
11.0 x 11.0
25.7
22.6
20.9
*240 ld
32 x 32
12.7 x 12.7
24.5
21.8
20.5
*304 ld
40 x 40
11.0 x 11.0
26.8
24.0
22.5
* Pre-JEDEC Standard Test Boards
** JEDEC Standard Test Boards
Body Size
Inductance
Capacitance
Resistance
Pkg
(mm)
Lead
(nH)
(pF)
(mΩ)
44 ld 10 x 10 Longest
1.660
0.322
19.8
Shortest
1.460
0.342
17.0
Simulated Results @ 100 MHz
Amkor’s MQFPs are reliability assured through optimized design, material
and process enabling high performance operation of your IC chip.
• Moisture Sensitivity
JEDEC Level 3
Characterization
30 °C/60% RH, 192 hours
• PCT
121 °C /100% RH/2 atm., 504 hours
• Temp cycle
-65/+150 °C, 1000 cycles
• Temp/Humidity
85 °C/85% RH, 1000 hours
• High temp storage
150 °C, 1000 hours
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS250G
Rev Date: 09’02


Similar Part No. - MQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
logo
Intersil Corporation
MQFP INTERSIL-MQFP Datasheet
17Kb / 1P
Metric Plastic Quad Flatpack Packages
logo
Amkor Technology
MQFP AMKOR-MQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
STATS ChipPAC, Ltd.
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
More results

Similar Description - MQFP

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
CBGA AMKOR-CBGA Datasheet
504Kb / 1P
From innovative designs and expanding package offerings, Amkor provides a platform from prototype-to-production.
PDIP AMKOR-PDIP Datasheet
393Kb / 2P
Amkor?셲 PDIP packages offer
PLCC AMKOR-PLCC Datasheet
387Kb / 2P
Amkor?셲 PLCC IC package portfolio provides
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
Radio Encoder / Decoder IC?셲
logo
Panasonic Semiconductor
AN44065A PANASONIC-AN44065A Datasheet
387Kb / 1P
Stepper Motor Driver IC?셲 From Panasonic
logo
M/A-COM Technology Solu...
289XX-PCN-001-A MA-COM-289XX-PCN-001-A Datasheet
60Kb / 2P
14 X 20 MQFP Package Assembly Site Change
logo
List of Unclassifed Man...
PI3302-00-EVAL1 ETC2-PI3302-00-EVAL1 Datasheet
790Kb / 2P
Product Portfolio Information
logo
SICK AG
WL11G-2B2531 SICK-WL11G-2B2531 Datasheet
4Mb / 9P
PRODUCT PORTFOLIO
WL11G-2B2531P04 SICK-WL11G-2B2531P04 Datasheet
5Mb / 9P
PRODUCT PORTFOLIO
WL11G-2K3431 SICK-WL11G-2K3431 Datasheet
5Mb / 9P
PRODUCT PORTFOLIO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com