Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQFP Datasheet(PDF) 2 Page - Amkor Technology

Part # MQFP
Description  Amkor?셲 MQFP IC package portfolio provides
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

MQFP Datasheet(HTML) 2 Page - Amkor Technology

  MQFP Datasheet HTML 1Page - Amkor Technology MQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MQFP NOMINAL PACKAGE DIMENSIONS (mm)
MQFP
LEADFRAME
Process Highlights
Die thickness (max)
25 mil
Solder plating
85/15 Sn/Pb
Marking
Pad/Laser
Lead inspection
Laser/Optical
Pack/ship options
Bar code, dry pack
Test Services
• Program generation/conversion
• Product engineering
• Wafer sort
• 256 pin x 20 MHz test system available
• -55 °C to +165 °C test available
• Burn-in
• Tape and reel services
Shipping
JEDEC outline CS-004 low profile tray
• Bakable (125 °C and 150 °C)
• Non-bakable
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Configuration Options:
Cross-sections MQFP
Body
Body
Lead
Tip To
Lead
Tray
Units
Size
Tkns
Form
Standoff
Tip
Count
JEDEC
Matrix
Per Tray
10 x 10
2.00
1.60
0.15
13.2
44/52/64
MS-022
6 x 16
96
10 x 10
2.00
1.95
0.15
13.9
44/52/64
MO-112
6 x 16
96
14 x 14
2.00
1.60
0.15
17.2
52/64/80/100
MS-022
6 x 14
84
14 x 14
2.67
1.60
0.15
17.2
52/64/80/100
MS-022
6 x 14
84
14 x 14
2.67
1.95
0.15
17.9
52/64/80/100
MO-112
6 x 14
84
14 x 20
2.71
1.60
0.33
17.2 x 23.2
64/80/100/128
MS-022
6 x 11
66
14 x 20
2.71
1.95
0.23
17.9 x 23.9
64/80/100/128
MO-112
6 x 11
66
28 x 28
3.37
1.30
0.13
30.6
208/256
MS-029
3 x 8
24
28 x 28
3.37
1.30
0.33
30.6
120/128/144/160/208
MS-029
3 x 8
24
28 x 28
3.37
1.60
0.33
31.2
120/128/144/160/208
MS-022
3 x 8
24
32 x 32
3.40
1.30
0.38
34.6
240
MS-029
3 x 8
24
32 x 32
3.40
1.30
0.32
34.6
240
MS-029
3 x 8
24
40 x 40
3.80
1.30
0.43
42.6
304
MS-029
2 x 6
12
MQFP w/Drop-in AI Heat Spreader



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com