Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSVFBGA Datasheet(PDF) 1 Page - Amkor Technology

Part # PSVFBGA
Description  Package on Package (PoP) Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PSVFBGA Datasheet(HTML) 1 Page - Amkor Technology

  PSVFBGA Datasheet HTML 1Page - Amkor Technology PSVFBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
PSvfBGA
Features:
Reliability:
www.amkor.com
• 10-15 mm body sizes tooled per product table. Additional
sizes based on demand
• Top package I/O interface 0.65 mm pitch accommodating 104
to 160 pin counts
• High I/O 0.50 mm pitch interface is qualified
• Fine pitch 0.50 mm bottom package footprints with 0.40 mm
pitch in qualification
• Established package on package infrastructure (over 5 years of
development with leading OEM, EMS and equipment providers)
• Wafer thinning / handling < 100 µm
• Consistent product performance and reliability
•Package configurations compliant with JEDEC standards
• Package pre-stacking support and services available based
on demand
• Bottom PSvfBGA and top FBGA / Stacked CSP packages
are well established in high volume production
• Stacked package heights of 1.2 mm to 1.6 mm available
in a variety of configurations. (See Stack Up table below)
Amkor assures reliable performance by continuously
monitoring key indices:
Package Level:
• Moisture Resistance Testing JEDEC Level 3 @260 °C x 4 reflows
• Additional Test Data at [(30 °C/85%RH/96hrs)+260]x3 or x4
• Package dimensions
14 x 14 mm, 352 I/O
• Temp Cycle
-55/+125 °C, 1000 cycles
• Temp/Humidity
85 °C/85%RH/1000 hours
• High Temp Storage
150 °C, 1000 hours
• HAST
130 °C, 85% RH, 96 hours
Board Level:
• Thermal Cycle
-40/+125 °C, 1000 cycles
Package Stackable Very Thin Fine
Pitch BGA (PSvfBGA):
After 3 years of development in package stacking technology and infra-
structure, Amkor launched the multiple award winning PSvfBGA (base
PoP) platform during the 4th quarter of 2004. The next two years saw
many new milestones, from publication of JEDEC mechanical and elec-
trical standards to a range of new customers and applications adopting
PoP. By the end of 2006 PSvfBGA became the fastest growing new
product in Amkor's history, reflecting the broad industry benefits of PoP
and Amkor's leadership position. The next few years promise to provide
many new challenges and applications for PoP, as handheld multimedia
applications continue to demand higher processing power and memory
storage capacities. Amkor is committed to maintain strong development
and production capabilities to ensure we are forefront in meeting next
generation PoP requirements.
Amkor has expanded our comprehensive PoP family and aligned the
roadmap across the supply chain to ensure that PoP will continue to
scale with the industry's miniaturization, higher density and perform-
ance enhancement requirements.
In 2006 Amkor's PoP family ramped products with 2 die stacked in the
PSvfBGA platform. Stacking multiple die in the bottom package allows
customers to increase performance and provide further system miniatur-
ization by combining analog+digital or logic+memory devices.
Applications:
PoP packages are designed for products requiring efficient memory
architectures including multiple buses and increased memory density &
performance, while reducing mounted area. Portable electronic products
such as mobile phones (baseband or applications processor+combo
memory), digital cameras (image processor+memory), PDAs, portable
players (audio / graphics processor+memory), gaming and other
mobile applications can benefit from the combination of stacked pack-
age and small footprint offered by Amkor's industry leading PoP family.
Broad Benefits as an Enabling
Technology:
PoP offers OEMs and EMS providers a platform to cost effectively expand
options for logic+memory 3D integration with the following benefits:
• Greatly expands device options by simplifying the business logistics
of stacking
• Integration controlled at the system level to best match stacked
combinations with system requirements
• JEDEC standards ensure broad component availability
• Improving time to market and sourcing flexibility
• Eliminates margin stacking and expands technology reuse
• Helps manage the huge cost impacts associated with increasing
demand for multi-media processing and memory
• Logic device transitions to flip chip in the bottom package enables
further PoP size and height reductions
DS586C
Rev Date: 03’07
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
LAMINATE
FBGA + PSvfBGA
Symbol
Unit
Min
Max
Nom
A1 (mounted, 0.5 pitch)
mm
0.160
0.260
0.210
A2 (4L laminate)
mm
0.260
0.340
0.300
B1 (stacked, 0.65 pitch), single die mm
0.270
0.330
0.300
B2 (stacked, 0.65 pitch), 2+0 die mm
0.320
0.380
0.350
B3 (2L laminate)
mm
0.100
0.160
0.130
B4 (mold cap)
mm
0.370
0.430
0.400
Overall Pkg height
mm
1.310
1.470
1.400
PoP Overall Stack Up Table
Package on Package (PoP) Family


Similar Part No. - PSVFBGA

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
1Mb / 4P
Bottom PoP Technologies
02/19
More results

Similar Description - PSVFBGA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT29C4G48MAZAPAKD-5IT MICRON-MT29C4G48MAZAPAKD-5IT Datasheet
428Kb / 15P
NAND Flash and Mobile LPDRAM 152-Ball Package-on-Package (PoP) Combination Memory (TI OMAP?? MT29C Family
logo
STMicroelectronics
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
MCSO2F MICROCRYSTAL-MCSO2F Datasheet
321Kb / 2P
family package 5횞3.2 mm
logo
Micronas
HAL1821UA-A MICRONAS-HAL1821UA-A Datasheet
263Kb / 14P
Linear Hall-Effect Sensor Family in SOT89B Package
HAL1821_1312 MICRONAS-HAL1821_1312 Datasheet
358Kb / 18P
Linear Hall-Effect Sensor Family in TO92UA Package
logo
HK TO-GRACE TECHNOLOGY ...
LTW-020ZDCG-E2 TO-GRACE-LTW-020ZDCG-E2 Datasheet
681Kb / 11P
Package in 12mm tape on 7
logo
Kingston Technology Far...
04EP04-N3GM627 KINGSTON-04EP04-N3GM627 Datasheet
2Mb / 2P
Embedded Package-on-Package Memory for Wearables
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com