Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSVFBGA Datasheet(PDF) 2 Page - Amkor Technology

Part # PSVFBGA
Description  Package on Package (PoP) Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

PSVFBGA Datasheet(HTML) 2 Page - Amkor Technology

  PSVFBGA Datasheet HTML 1Page - Amkor Technology PSVFBGA Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSvfBGA
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Process Highlights
Die thickness (max)
75 µm ti 125 µm
Bond pad pitch (min)
40 µm (In-line)
Marking
Laser
Wafer thinning
200 & 300 mm wafers
Standard Materials
Package substrate
-
Conductor
Copper
-
Dielectric
Thin core FR5 or equivalent
Die attach adhesive
Conductive or non conductive
Encapsulant
Epoxy mold compound
Solder ball
Eutectic SnPb / Pb free
Test Services
Program Generation / Conversion
Product Engineering
Wafer sort
256 Pin x 20 MHz test system available
Shipping
JEDEC trays
Tape and Reel services
PSvfBGA Cross Section
Footprint - top (B)
Footprint - bottom (C)
Package size (A)
0.27mm
Max die size (D)
(E)
LAMINATE
data sheet
PSvfBGA Top View
AB
C
D
E
Body
Package Interconnect
Bottom Package
Package Interconnect ball
Typical Wirecount
Size (mm)
Matrix Ball Count
Ball Count
Die Size (mm) center to package edge (mm) for given package size
10
15
104
300
<5.50
0.450
320
11
16
112
350
<6.00
0.625
360
12
18
128
400
<7.50
0.475
420
13
19
136
450
<8.00
0.650
460
14
21
152
550
<9.00
0.500
520
15
22
160
700
<10.00
0.675
600
• Dimensions are in line with JEDEC JC-11
standards for PoP packages in
development
• Assuming 2 perimeter rows of
interconnects at 0.65 mm pitch
• Assuming 4 perimeter rows of BGA
balls to motherboard at 0.50 mm pitch
Package on Package (P0P) Family
Contact Amkor for Daisy chain sample availability, the
latest PSvfBGA capabilities, and for full review of
PSvfBGA, PoP technology and roadmaps.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com