Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2309SC-1HT Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SL2309SC-1HT
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309SC-1HT Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SL2309SC-1HT Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 9Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 10Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 11Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Rev 1.1, May 29, 2007
Page 12 of 12
SL2309
Ordering Information
[3]
Ordering Number
Marking
Shipping Package
Package
Temperature
SL2309ZC-1
SL2309ZC-1
Tube
16-pin TSSOP
0 to 70°C
SL2309ZC-1T
SL2309ZC-1
Tape and Reel
16-pin TSSOP
0 to 70°C
SL2309ZC-1H
SL2309ZC-1H
Tube
16-pin TSSOP
0 to 70°C
SL2309ZC-1HT
SL2309ZC-1H
Tape and Reel
16-pin TSSOP
0 to 70°C
SL2309ZI-1
SL2309ZI-1
Tube
16-pin TSSOP
-40 to 85°C
SL2309ZI-1T
SL2309ZI-1
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL2309ZI-1H
SL2309ZI-1H
Tube
16-pin TSSOP
-40 to 85°C
SL2309ZI-1HT
SL2309ZI-1H
Tape and Reel
16-pin TSSOP
-40 to 85°C
SL2309SC-1
SL2309SC-1
Tube
16-pin SOIC
0 to 70°C
SL2309SC-1T
SL2309SC-1
Tape and Reel
16-pin SOIC
0 to 70°C
SL2309SC-1H
SL2309SC-1H
Tube
16-pin SOIC
0 to 70°C
SL2309SC-1HT
SL2309SC-1H
Tape and Reel
16-pin SOIC
0 to 70°C
SL2309SI-1
SL2309SI-1
Tube
16-pin SOIC
-40 to 85°C
SL2309SI-1T
SL2309SI-1
Tape and Reel
16-pin SOIC
-40 to 85°C
SL2309SI-1H
SL2309SI-1H
Tube
16-pin SOIC
-40 to 85°C
SL2309SI-1HT
SL2309SI-1H
Tape and Reel
16-pin SOIC
-40 to 85°C
Notes:
3. The SL2309 products are RoHS compliant.
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any
circuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for
use in normal commercial applications and is not warranted not is it intended for use in life support, critical medical instruments, or any other
application requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to
additional processing by Spectra Linear Inc., and an expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the
right to change any circuitry or specification without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com