Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2309SC-1HT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SL2309SC-1HT
Description  Low Jitter and Skew 10 to 140 MHz Zero Delay Buffer (ZDB)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL2309SC-1HT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SL2309SC-1HT Datasheet HTML 2Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 3Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 4Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 5Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 6Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 7Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 8Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 9Page - List of Unclassifed Manufacturers SL2309SC-1HT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.1, May 29, 2007
Page 6 of 12
SL2309
DC Electrical Specifications: Unless otherwise stated VDD=3.3V+/-10% and both C and I Grades
Symbol
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
VIL
Input LOW Voltage
CLKIN, S2 and S1 Pins
–
0.8
V
VIH
Input HIGH Voltage
CLKIN, S2 and S1 pins
2.0
VDD+0.3
V
IIL
Input LOW Current
CLKIN, S2 and S1 Pins, 0 < VIN < 0.8V
–
25
µA
IIH
Input HIGH Current
CLKIN, S2 and S1 Pins, VIN = VDD
–
50
µA
IOL = 8 mA (standard drive)
–
0.4
V
VOL
Output LOW Voltage
(All outputs)
IOL = 12 mA (high drive)
–
0.4
V
IOH = –8 mA (standard drive)
2.4
–
V
VOH
Output HIGH Voltage
(All outputs)
IOH = –12 mA (high drive)
2.4
–
V
C-Grade
–
12
µA
IDDPD
Power Down Supply Current
CLKIN=0 to VDD or floating (input
will be pulled-down by 250kΩ
weak pull-down on-chip resistor)
I-Grade
–
25
µA
IDD1
Power Supply Current
All Outputs CL=0, 33MHz CLKIN
S2=S1=1 (High)
–
20
mA
IDD2
Power Supply Current
All Outputs CL=0, 66MHz CLKIN
S2=S1=1 (High)
–
28
mA
IDD3
Power Supply Current
All Outputs CL=0, 100MHz CLKIN
S2=S1=1 (High)
–
36
mA
IDD4
Power Supply Current
All Outputs CL=0, 140MHz CLKIN
S2=S1=1 (High)
–
44
mA
RPU/D
Pull-up and Pull-down Resistors
Pins-1/2/3/6/7/8/9/10/11/14/15/16
250kΩ-typ
175
325
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com