Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SMB18C
Description  Self-contained DC-operated Opposed Mode Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB18C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SMB18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MINI-BEAM
® Sensors SM31E/SM31R and SM31EL/SM31RL
page
6
Banner Engineering Corp. • Minneapolis, U.S.A.
www.bannerengineering.com • Tel: 763.544.3164
Mounting Brackets
SMB312PD
Stainless steel 18 mm barrel-
mounting bracket
Model
Description
SMB312S
Stainless steel 2-axis, side
mounting bracket
R 5.1 mm
(0.20 in)
ø 3.05 mm
(0.120 in)
ø 3.05 mm Slot
(0.120 in)
20
°
90
°
CL
15
°
(2)
R 24.1 mm
(0.95 in)
31.8 mm
(1.25 in)
20.1 mm
(0.79 in)
45.5 mm
(1.79 in)
20.3 mm
(0.80 in)
R 3.1 mm
(0.12 in) (2)
10
° (TYP)
4.32 mm
(0.170 in)
Slot (2)
2.5 mm
(0.10 in)
R 5.1 mm
(0.20 in)
ø 4.6 mm
(0.18 in)
ø 4.6 mm Slot
(0.18 in)
20
°
90
°
CL
15
°
(2)
R 24.1 mm
(0.95 in)
31.8 mm
(1.25 in)
40.6 mm
(1.60 in)
45.5 mm
(1.79 in)
18.42 mm
(0.725 in)
R 3.1 mm
(0.12 in) (2)
15.2 mm
(0.60 in)
2.5 mm
(0.10 in)
SMB312B
Stainless steel 2-axis, bottom
mounting bracket
90
°
10
° (2)
10
° (2)
2.5 mm
(0.10 in)
3.1 mm
Slot (2)
(0.12 in)
4.3 mm Slot (2)
(0.17 in)
8.6 mm (2)
(0.34 in)
ø 6.9 mm
(0.27 in)
17.3 mm (2)
(0.68 in)
35.0 mm (2)
(1.38 in)
50.8 mm
(2.00 in)
23.4 mm
(0.92 in)
11.4 mm
(0.45 in)
9.1 mm
(0.36 in)
24.1 mm
(0.95 in)
SMB46L
• “L” bracket
• 14 ga 316 stainless steel
CL
8 mm
(0.3 in)
16 mm
(0.6 in)
65 mm
(2.6 in)
27 mm
(1.1 in)
2 mm
(.1 in)
6 mm
(0.2 in)
5 mm (0.2 in)
(2x)
ø36 mm (1.4 in)
ø6.5 mm (0.26 in) (6x)
15 mm
(0.6 in)
6 mm
(0.2 in)
54 mm
(2.1 in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com