Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMB18C
Description  Self-contained DC-operated Opposed Mode Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB18C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMB18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MINI-BEAM
® SM31E/SM31R and SM31EL/SM31RL
Self-contained DC-operated Opposed Mode Sensors
Printed in USA
05/01
P/N 03560 rev. C
• Compact, self-contained opposed mode modulated
infrared sensor pairs for 10-30V dc operation
• Standard sensor pairs have 3 m (10 ft) range
• Long range sensor pairs have 30 m (100 ft) range
• Switch-selectable for light operate or dark operate; Highly
repeatable, 1 millisecond response
• Both sourcing and sinking outputs (150 mA maximum ea.)
• Receivers include Banner’s exclusive AID™ alignment
system, US patent number 4356393
• Rugged, epoxy-encapsulated construction: meets NEMA
standards 1, 2, 3, 3S, 4, 4X, 6, 12 and 13, IEC IP67
• Physically and electrically interchangeable with 18 mm
barrel-type photoelectrics
MINI-BEAM Opposed-Mode Emitter (E) and Receiver (R) Models
Models
Range
Cable*
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
SM31E
SM31R
SM31EQD
SM31RQD
3 m
(10')
2 m (6.5')
2 m (6.5')
4-Pin Euro QD
4-Pin Euro QD
10-30V dc
Bipolar
NPN/PNP
1
10
100
.10 m
.33 ft
1.0 m
3.3 ft
10 m
33 ft
.01 m
.033 ft
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
SM31E & SM31R
Opposed Mode
3.0 m
10 ft
2.4 m
8 ft
1.8 m
6 ft
1.2 m
4 ft
.6 m
2 ft
0
0
100 mm
200 mm
300 mm
100 mm
200 mm
300 mm
0
4.0 in
8.0 in
12.0 in
4.0 in
8.0 in
12.0 in
DISTANCE
SM31E & SM31R
Opposed Mode
SM31EL
SM31RL
SM31ELQD
SM31RLQD
30 m
(100')
2 m (6.5')
2 m (6.5')
4-Pin Euro QD
4-Pin Euro QD
10-30V dc
Bipolar
NPN/PNP
30 m
100ft
24 m
80 ft
18 m
60 ft
12 m
40 ft
6 m
20 ft
0
0
250 mm
500 mm
750 mm
250 mm
500 mm
750 mm
0
10.0 in
20.0 in
30.0 in
10.0 in
20.0 in
30.0 in
DISTANCE
SM31EL & SM31RL
Opposed Mode
1
10
100
1.0 m
3.3 ft
10 m
33 ft
100 m
330 ft
.1 m
.33 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SM31EL & SM31RL
Opposed Mode
Infrared, 880 nm
*NOTES:
i)
9 m (30') cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g., SM31EL W/30).
ii) A 150 mm (6") long pigtail cable with attached QD connector is available by adding suffix “QDP” to the model number of any
MINI-BEAM sensor (e.g., SM31ELQDP). See page 5 for more information.
iii) A model with a QD connector requires an accessory mating cable. See page 8 for more information.
iv) Emitters and receivers may be ordered with 0.3 millisecond on/off response by adding suffix “MHS” to the model numbers
(e.g., SM31EMHS & SM31RMHS). This modification reduces sensing range (and excess gain).


Similar Part No. - SMB18C

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB18C LITEON-SMB18C Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMB18C LUGUANG-SMB18C Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
List of Unclassifed Man...
SMB18C ETC2-SMB18C Datasheet
257Kb / 8P
Self-contained AC-operated Convergent Mode Sensors
logo
Banner Engineering Corp...
SMB18C BANNER-SMB18C Datasheet
357Kb / 10P
Q45UR Remote Ultrasonic Sensors
logo
Lite-On Technology Corp...
SMB18CA LITEON-SMB18CA Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB18C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
Self-contained AC-operated Convergent Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
Self-contained photoelectric sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
Self-Contained Inductor
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com