Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A02G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 2A02G
Description  2.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2A02G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  2A02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2A02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 539 -
RATINGS AND CHARACTERISTIC CURVES (2A01G THRU 2A07G)
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
10
100
1
100
10
REVERSE VOLTAGE. (V)
FIG.3- MAXIMUM FORWARD CURRENT DERATING
CURVE
25
50
75
100
125
150
175
0
1
2
AMBIENT TEMPERATURE. ( C)
o
FIG.1- TYPICAL FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
FORWARD VOLTAGE. (V)
FIG.2- MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
1
10
100
10
40
50
60
70
80
90
30
20
100
NUMBER OF CYCLES AT 60Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com