Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2A02G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 2A02G
Description  2.0 AMPS. Glass Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

2A02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  2A02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 2A02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 538 -
2A01G THRU 2A07G
2.0 AMPS. Glass Passivated Rectifiers
Voltage Range
50 to 1000 Volts
Current
2.0 Amperes
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Mechanical Data
Cases: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: Color band denotes cathode end
High temperature soldering guaranteed:
260
OC/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs.,(2.3kg) tension
Weight: 0.40 gram
DO-15
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
2A
01G
2A
02G
2A
03G
2A
04G
2A
05G
2A
06G
2A
07G
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TA = 60
℃
I(AV)
2.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
55
A
Maximum Instantaneous Forward Voltage
@2.0A
VF
1.1
1.0
V
Maximum DC Reverse Current @ TA=25
℃
at Rated DC Blocking Voltage @ TA=125
℃
IR
5.0
100
uA
uA
Typical Junction Capacitance ( Note 1 )
Cj
15
pF
Typical Thermal Resistance (Note 2)
R
θJA
60
O
C/W
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 150
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Mount on Cu-Pad Size 10mm x 10mm on P.C.B.


Similar Part No. - 2A02G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2A02G DIODES-2A02G Datasheet
59Kb / 2P
2.0A GLASS PASSIVATED RECTIFIER
DS29006 Rev. B-2
2A02G DIODES-2A02G Datasheet
66Kb / 3P
2.0A GLASS PASSIVATED RECTIFIER
DS29006 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
2A02G TSC-2A02G Datasheet
224Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
2A02G TSC-2A02G Datasheet
499Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
2A02G TSC-2A02G Datasheet
202Kb / 4P
Glass Passivated Rectifiers
More results

Similar Description - 2A02G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
RL201G JGD-RL201G Datasheet
128Kb / 2P
2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G_1 Datasheet
224Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
logo
Daya Electric Group Co....
RL201 DAYA-RL201 Datasheet
240Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
logo
Taiwan Semiconductor Co...
2A01G TSC-2A01G_10 Datasheet
499Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
HER201G TSC-HER201G_10 Datasheet
586Kb / 2P
2.0 AMPS. Glass Passivated High Efficient Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
2.0 AMPS. Glass Passivated Super Fast Rectifiers
FR201G TSC-FR201G_10 Datasheet
551Kb / 2P
2.0 AMPS. Glass Passivated Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
RL201G DYELEC-RL201G Datasheet
893Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
RL201GU DYELEC-RL201GU Datasheet
911Kb / 2P
2.0 AMPS. Glass Passivated Rectifiers
logo
Shenzhen Foster Semicon...
DB201G FOSTER-DB201G Datasheet
1Mb / 3P
2.0 Amps Glass passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com