Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD082 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD082
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD082 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD082 Datasheet HTML 3Page - Texas Instruments SN65MLVD082 Datasheet HTML 4Page - Texas Instruments SN65MLVD082 Datasheet HTML 5Page - Texas Instruments SN65MLVD082 Datasheet HTML 6Page - Texas Instruments SN65MLVD082 Datasheet HTML 7Page - Texas Instruments SN65MLVD082 Datasheet HTML 8Page - Texas Instruments SN65MLVD082 Datasheet HTML 9Page - Texas Instruments SN65MLVD082 Datasheet HTML 10Page - Texas Instruments SN65MLVD082 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VAB
A
B
IA
VB
VA
VOS
VA + VB
2
VI
D
VCC
IB
II
VAB
49.9
Ω
3.32 k
Ω
3.32 k
Ω
_
+
-1 V
≤ Vtest ≤ 3.4 V
A
B
D
VOS
R1
24.9
Ω
A
C3
2.5 pF
VOS(PP)
∆VOS(SS)
VOS(SS)
≈ 1.3 V
B
A
≈ 0.7 V
B
D
R2
24.9
Ω
C1
1 pF
C2
1 pF
VTest
+
-
A
B
IOS
0 V or VCC
-1 V or 3.4 V
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
Figure 1. Driver Voltage and Current Definitions
NOTE: All resistors are 1% tolerance.
Figure 2. Differential Output Voltage Test Circuit
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse frequency = 1
MHz, duty cycle = 50
±5%.
B.
C1, C2 and C3 include instrumentation and fixture capacitance within 2 cm of the D.U.T. and are
±20%.
C.
R1 and R2 are metal film, surface mount,
±1%, and located within 2 cm of the D.U.T.
D.
The measurement of VOS(PP) is made on test equipment with a –3 dB bandwidth of at least 1 GHz.
Figure 3. Test Circuit and Definitions for the Driver Common-Mode Output Voltage
Figure 4. Driver Short-Circuit Test Circuit
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com