Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD082 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD082
Description  8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD082 Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD082 Datasheet HTML 1Page - Texas Instruments SN65MLVD082 Datasheet HTML 2Page - Texas Instruments SN65MLVD082 Datasheet HTML 3Page - Texas Instruments SN65MLVD082 Datasheet HTML 4Page - Texas Instruments SN65MLVD082 Datasheet HTML 5Page - Texas Instruments SN65MLVD082 Datasheet HTML 6Page - Texas Instruments SN65MLVD082 Datasheet HTML 7Page - Texas Instruments SN65MLVD082 Datasheet HTML 8Page - Texas Instruments SN65MLVD082 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DEVICE ELECTRICAL CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65MLVD080
SN65MLVD082
SLLS581B – SEPTEMBER 2003 – REVISED SEPTEMBER 2005
MIN NOM
MAX UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
GND
0.8
V
Voltage at any bus terminal VA or VB
–1.4
3.8
V
|VID|
Magnitude of differential input voltage
0.05
VCC
V
TA
Operating free-air temperature
–40
85
°C
Maximum junction temperature
140
°C
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1) MAX
UNIT
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
110
140
Both disabled
RE at VCC, DE at 0 V, RL = No Load, All others open
5
8
ICC
Supply current
mA
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, CL = 15 pF, All others open
140
180
Receiver only
RE at 0 V, DE at 0 V, CL = 15 pF, All others open
38
50
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
|VAB|
Differential output voltage magnitude (A, B)
480
650
mV
See Figure 2
Change in differential output voltage magnitude
∆|V
AB|
–50
50
mV
between logic states (A, B)
VOS(SS)
Steady-state common-mode output voltage (A, B)
0.8
1.2
V
Change in steady-state common-mode output voltage
∆V
OS(SS)
See Figure 3
–50
50
mV
between logic states (A, B)
VOS(PP)
Peak-to-peak common-mode output voltage (A, B)
150
mV
VA(OC)
Maximum steady-state open-circuit output voltage (A, B)
0
2.4
V
See Figure 7
VB(OC)
Maximum steady-state open-circuit output voltage (A, B)
0
2.4
V
1.2
VP(H)
Voltage overshoot, low-to-high level output (A, B)
V
VSS
See Figure 5
–0.2
VP(L)
Voltage overshoot, high-to-low level output (A, B)
V
VSS
IIH
High-level input current (D, DE)
VIH = 2 V to VCC
10
µA
IIL
Low-level input current (D, DE)
VIL = GND to 0.8 V
10
µA
|IOS|
Differential short-circuit output current magnitude (A, B)
See Figure 4
24
mA
Ci
Input capacitance (D, DE)
VI = 0.4 sin(30E6πt) + 0.5 V (3)
5
pF
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(3)
HP4194A impedance analyzer (or equivalent)
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com