Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452V Datasheet(PDF) 21 Page - Texas Instruments

Part # THVD2452V
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452V Datasheet(HTML) 21 Page - Texas Instruments

Back Button THVD2452V Datasheet HTML 17Page - Texas Instruments THVD2452V Datasheet HTML 18Page - Texas Instruments THVD2452V Datasheet HTML 19Page - Texas Instruments THVD2452V Datasheet HTML 20Page - Texas Instruments THVD2452V Datasheet HTML 21Page - Texas Instruments THVD2452V Datasheet HTML 22Page - Texas Instruments THVD2452V Datasheet HTML 23Page - Texas Instruments THVD2452V Datasheet HTML 24Page - Texas Instruments THVD2452V Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
THVD2410 and THVD2450 are fault-protected, half-duplex RS-485 transceivers commonly used for
asynchronous data transmissions. For these devices, the driver and receiver enable pins allow for the
configuration of different operating modes.
8.2 Typical Application
An RS-485 bus consists of multiple transceivers connecting in parallel to a bus cable. To eliminate line
reflections, each cable end is terminated with a termination resistor, RT, whose value matches the characteristic
impedance, Z0, of the cable. This method, known as parallel termination, generally allows for higher data rates
over longer cable length.
RT
RT
R
A
B
R RE DE D
D
R
A
B
R RE DE D
D
R
D
R
RE
DE
D
A
B
R
D
R
RE
DE
D
A
B
Figure 8-1. Typical RS-485 Network With Half-Duplex Transceivers
8.2.1 Design Requirements
RS-485 is a robust electrical standard suitable for long-distance networking that may be used in a wide range of
applications with varying requirements, such as distance, data rate, and number of nodes.
8.2.1.1 Data Rate and Bus Length
There is an inverse relationship between data rate and cable length, which means the higher the data rate, the
short the cable length; and conversely, the lower the data rate, the longer the cable length. While most RS-485
systems use data rates between 10kbps and 100kbps, some applications require data rates up to 250kbps at
distances of 4000 feet and longer. Longer distances are possible by allowing for small signal jitter of up to 5 or
10%.
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com