Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THVD2452V Datasheet(PDF) 23 Page - Texas Instruments

Part # THVD2452V
Description  THVD24xxV-EP Enhanced 3V to 5.5V RS-485 Transceivers With 1.8V VIO Capability
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THVD2452V Datasheet(HTML) 23 Page - Texas Instruments

Back Button THVD2452V Datasheet HTML 19Page - Texas Instruments THVD2452V Datasheet HTML 20Page - Texas Instruments THVD2452V Datasheet HTML 21Page - Texas Instruments THVD2452V Datasheet HTML 22Page - Texas Instruments THVD2452V Datasheet HTML 23Page - Texas Instruments THVD2452V Datasheet HTML 24Page - Texas Instruments THVD2452V Datasheet HTML 25Page - Texas Instruments THVD2452V Datasheet HTML 26Page - Texas Instruments THVD2452V Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
8.2.1.4 Transient Protection
The bus pins of the THVD24xxV-EP transceivers include on-chip ESD protection against ±30kV HBM and ±12kV
IEC 61000-4-2 contact discharge. The International Electrotechnical Commission (IEC) ESD test is far more
severe than the HBM ESD test. The 50% higher charge capacitance, C(S), and 78% lower discharge resistance,
R(D), of the IEC model produce significantly higher discharge currents than the HBM model. As stated in the IEC
61000-4-2 standard, contact discharge is the preferred transient protection test method.
R
(C)
R
(D)
C
(S)
High-Voltage
Pulse
Generator
Device
Under
Test
40
35
30
25
20
15
10
5
0
Time (ns)
0
50
100
150
200
250
300
10-kV IEC
10-kV HBM
330 Ω
(1.5 kΩ)
150 pF
(100 pF)
50 M
(1 M)
Figure 8-3. HBM and IEC ESD Models and Currents in Comparison (HBM Values in Parenthesis)
The on-chip implementation of IEC ESD protection significantly increases the robustness of equipment.
Common discharge events occur because of human contact with connectors and cables. Designers may choose
to implement protection against longer duration transients, typically referred to as surge transients.
EFTs are generally caused by relay-contact bounce or the interruption of inductive loads. Surge transients
often result from lightning strikes (direct strike or an indirect strike which induce voltages and currents), or
the switching of power systems, including load changes and short circuit switching. These transients are often
encountered in industrial environments, such as factory automation and power-grid systems.
Figure 8-4 compares the pulse-power of the EFT and surge transients with the power caused by an IEC
ESD transient. The left side diagram shows the relative pulse-power for a 0.5kV surge transient and 4kV EFT
transient, both of which dwarf the 10kV ESD transient visible in the lower-left corner. 500V surge transients are
representative of events that may occur in factory environments in industrial and process automation.
The right side diagram shows the pulse power of a 6kV surge transient, relative to the same 0.5kV surge
transient. 6kV surge transients are most likely to occur in power generation and power-grid systems.
22
20
18
16
14
12
10
8
6
4
2
0
Time (µs)
0
5
10
15
20
25
30
35
40
0.5-kV Surge
10-kV ESD
4-kV EFT
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
Time (µs)
0
5
10
15
20
25
30
35
40
0.5-kV Surge
6-kV Surge
3.0
2.8
2.6
2.4
Figure 8-4. Power Comparison of ESD, EFT, and Surge Transients
www.ti.com
THVD2410V-EP, THVD2450V-EP, THVD2452V-EP
SLLSFQ9B – MAY 2024 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: THVD2410V-EP THVD2450V-EP THVD2452V-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com