Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5762AB0 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # CF5762AB0
Description  Analog Chime Clock CMOS IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5762AB0 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button CF5762AB0 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5762AB0 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CF5762AB0
NIPPON PRECISION CIRCUITS INC.—10
NP0014AE
2000.10
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, Fukuzumi 2-chome, Koto-ku,
Tokyo 135-8430, Japan
Telephone: +81-3-3642-6661
Facsimile: +81-3-3642-6698
http://www.npc.co.jp/
Email: sales@npc.co.jp
Melody Output Circuit
The melody output circuit employs a BTL configura-
tion.
The D/A converter is a 2-pin (SP and SPN) 9-bit P-
channel current adder which, together with MSB and
MSBN outputs, is used to drive 4 external transistors
(PNP
× 2, NPN × 2) which are used to drive a
speaker.
In addition, the volume adjust pin (VOL) can be used
to adjust the volume by connecting an external 10k
Ω
resistor between VOL and VSS.
Control Signal Output
A LOW-level active busy signal is output from ATN whenever a melody output is playing.
Figure 6. BTL output
MSB
MSBN
SPN
SP
VSS
VDD
VDD
VSS
VOL
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com