Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT8990FN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT8990FN
Description  TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT8990FN Datasheet(HTML) 5 Page - Texas Instruments

  SN74ACT8990FN Datasheet HTML 1Page - Texas Instruments SN74ACT8990FN Datasheet HTML 2Page - Texas Instruments SN74ACT8990FN Datasheet HTML 3Page - Texas Instruments SN74ACT8990FN Datasheet HTML 4Page - Texas Instruments SN74ACT8990FN Datasheet HTML 5Page - Texas Instruments SN74ACT8990FN Datasheet HTML 6Page - Texas Instruments SN74ACT8990FN Datasheet HTML 7Page - Texas Instruments SN74ACT8990FN Datasheet HTML 8Page - Texas Instruments SN74ACT8990FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SN54ACT8990, SN74ACT8990
TEST-BUS CONTROLLERS
IEEE STD 1149.1 (JTAG) TAP MASTERS WITH 16-BIT GENERIC HOST INTERFACES
SCAS190E – JUNE 1990 – REVISED JANUARY 1997
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL NAME
I/O
DESCRIPTION
ADRS4 – ADRS0
I
Address inputs. ADRS4 – ADRS0 form the 5-bit address bus that interfaces the TBC to its host. These inputs
specify the TBC register to be read from or written to.
DATA15 – DATA0
I/O
Data inputs and outputs. DATA15 – DATA0 form the 16-bit bidirectional data bus that interfaces the TBC to its
host. Data is read from or written to the TBC register using this data bus.
GND
Ground
INT
O
Interrupt. INT transmits an interrupt signal to the host. When the TBC requires service from the host, INT is
asserted (low). INT will remain asserted (low) until the host has completed the required service.
NC
No connection
RD
I
Read strobe. RD is the active low output enable for the data bus. RD is used as the strobe for reading data from
the selected TBC register.
RDY
O
Ready. RDY transmits a status signal to the host. When the TBC is ready to accept a read or write operation
from the host, RDY is asserted (low). RDY is not asserted (high) when the TBC is in recovery from a read, write,
command, or reset operation.
TCKI
I
Test clock input. TCKI is the clock input for the TBC. Most operations of the TBC are synchronous to TCKI.
When enabled, all target interface outputs change on the falling edge of TCKI. Sampling of target interface
inputs are configured to occur on either the rising edge or falling edge of TCKI.
TCKO
O
Test clock output. TCKO distributes TCK to the target(s). The TCKO is configured to be disabled, constant zero,
constant one, or to follow TCKI. When TCKO follows TCKI, it is delayed to match the delay of generating the
TDO and TMS signals.
TDI1 – TDI0
I
Test data inputs. The TDI1 – TDI0 serial inputs are used for shifting test data from the target(s). The TDI inputs
can be directly connected to the TDO pin(s) of the target(s).
TDO
O
Test data output. TDO is used for shifting test data into the target(s). TDO can be directly connected to the TDI
terminal(s) of the target(s).
TMS1 – TMS0
O
Test mode select outputs. These parallel outputs transmit TMS signals to the target(s), which direct them
through their TAP controller states. TMS1 – TMS0 can be directly connected to the TMS terminals of the
target(s).
TMS5 – TMS2/
EVENT3 – EVENT0
I/O
Test mode select outputs or event inputs/outputs. These I/Os can be configured for use as either TMS outputs
or event inputs/outputs. As TMS outputs, they function similarly to TMS1 – TMS0 above. As event I/Os, they
can be used to receive/transmit interrupt signals to/from the target(s).
TOFF
I
Test-off input. TOFF is the active low output disable for all outputs and I/Os of the target interface (TCKO, TDO,
TMS, TMS/EVENT).
TRST
I
Test-reset input. TRST is used to initiate hardware and software reset operations of the TBC. Hardware reset
begins when TRST is asserted (low). Software reset begins when TRST is released (high) and proceeds
synchronously to TCKI to completion in a predetermined number of cycles.
WR
I
Write input. WR is the strobe for writing data to a TBC data register. Signals present at the data and address
buses are captured on the rising edge of WR.
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com