Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC624LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC624LP4E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC624LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC624LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
10
10 - 206
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
0.5 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
v02.0807
HMC624LP4 / 624LP4E
Absolute Maximum Ratings
RF Input Power (DC - 6 GHz) [1]
27 dBm (T = +85 °C)
Digital Inputs (Reset, Shift Clock,
Latch Enable & Serial Input)
-1.5V to (Vdd +1.5V) Vdc
Bias Voltage (Vdd)
5.6 Vdc
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 9.8 mW/°C above 85 °C) [1]
0.635 W
Thermal Resistance
102 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
[1] At max gain settling
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage
Vdd (Vdc)
Idd (Typ.) (mA)
31.8
52.0
Control Voltage Input
Attenuation State
D5
D4
D3
D2
D1
D0
High
High
High
High
High
High
Reference
I.L.
High
High
High
High
High
Low
0.5 dB
High
High
High
High
Low
High
1 dB
High
High
High
Low
High
High
2 dB
High
High
Low
High
High
High
4 dB
High
Low
High
High
High
High
8 dB
Low
High
High
High
High
High
16 dB
Low
Low
Low
Low
Low
Low
31.5 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
Truth Table
Parallel PUP Truth Table
P/S
LE
PUP2
PUP1
Attenuation State
0000
31.5 dB
0010
24 dB
0001
16 dB
0011
8 dB
0
1
X
X
0.5 to 31.5 dB
Note: Power-Up with LE= 1 provides normal parallel operation
with D0 - D5, and PUP1 and PUP2 are not active.
Power-Up States
Using the Parallel PUP truth table the attenuator can
be turned on at a specific attenuation state. By using
the PUP1 and PUP2 line four different attenuation
states can be selected. It can also be used in the
Direct Parallel Mode using the Control Voltage Inputs
to select attenuation values.
TTL/CMOS Control Voltage
State
Vdd= +3V or +5V
Low
0 to 0.8V
High
2.0V to Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com