Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC624LP4E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC624LP4E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC624LP4E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC624LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC624LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
10
10 - 202
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC624LP4 / 624LP4E
0.5 dB LSB GaAs MMIC 6-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
v02.0807
Functional Diagram
Electrical Specifications,
T
A = +25° C, with Vdd = +5V & Vctl = 0/+5V (Unless Otherwise Noted)
The HMC624LP4(E) is a broadband 6-bit GaAs IC
Digital Attenuator in a low cost leadless SMT package.
This versatile digital attenuator incorporates off-chip
AC ground capacitors for near DC operation, making
it suitable for a wide variety of RF and IF applications.
The dual mode control interface is CMOS/TTL
compatible, and accepts either a three wire serial
input or a 6 bit parallel word. The HMC624LP4(E) also
features a user selectable power up state and a serial
output port for cascading other Hittite serial controlled
components. The HMC624LP4(E) is housed in a
RoHS compliant 4x4 mm QFN leadless package, and
requires no external matching components.
Parameter
Frequency (GHz)
Min.
Typ.
Max.
Units
Insertion Loss
DC - 3.0 GHz
3.0 - 6.0 GHz
1.8
2.8
2.4
3.8
dB
dB
Attenuation Range
31.5
dB
Return Loss (ATTIN, ATTOUT, All Atten. States)
DC - 6.0 GHz
15
dB
Attenuation Accuracy: (Referenced to Insertion Loss)
All Attenuation States
DC - 0.8 GHz
0.8 - 6.0 GHz
± (0.10 + 5% of Atten. Setting) Max.
± (0.30 + 3% of Atten. Setting) Max.
dB
dB
Input Power for 0.1 dB Compression
DC - 6.0 GHz
30
dBm
Input Third Order Intercept Point
(Two-Tone Input Power= 10 dBm Each Tone)
DC - 6.0 GHz
55
dBm
Typical Applications
Features
General Description
The HMC624LP4(E) is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
0.5 dB LSB Steps to 31.5 dB
High Input IP3: +55 dBm
Low Insertion Loss: 2.2 dB @ 3.5 GHz
TTL/CMOS Compatible, Serial or Parallel Control
±0.25 dB Typical Step Error
Single +3V or +5V Supply
Compact 4x4mm SMT Package


Similar Part No. - HMC624LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC624LP4 HITTITE-HMC624LP4 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
More results

Similar Description - HMC624LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542ALP4 HITTITE-HMC542ALP4 Datasheet
968Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC542LP4 HITTITE-HMC542LP4_10 Datasheet
621Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com