Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1211D103C Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button R1211D103C Datasheet HTML 7Page - RICOH electronics devices division R1211D103C Datasheet HTML 8Page - RICOH electronics devices division R1211D103C Datasheet HTML 9Page - RICOH electronics devices division R1211D103C Datasheet HTML 10Page - RICOH electronics devices division R1211D103C Datasheet HTML 11Page - RICOH electronics devices division R1211D103C Datasheet HTML 12Page - RICOH electronics devices division R1211D103C Datasheet HTML 13Page - RICOH electronics devices division R1211D103C Datasheet HTML 14Page - RICOH electronics devices division R1211D103C Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
R1211x
11
When IOUT becomes more than formula 5, the current flows through the inductor, then the mode becomes
continuous. The continuous current through the inductor is described as Iconst, then,
{}
OUT
IN
IN
OUT
2
ON
2
IN
OSC
OUT
Iconst/V
V
)
V
(V
L
2
/
T
V
f
I
×
+
−
×
×
×
×
=
...............................................................Formula 6
In this moment, the peak current, ILxmax flowing through the inductor and the driver Tr. is described as
follows:
/L
T
V
Iconst
ILxmax
ON
IN
×
+
=
.................................................................................................................Formula 7
With the formula 4,6, and ILxmax is,
L)
/(2
T
V
I
/V
V
ILxmax
ON
IN
OUT
IN
OUT
×
×
+
×
=
..............................................................................................Formula 8
Therefore, peak current is more than IOUT. Considering the value of ILxmax, the condition of input and output,
and external components should be selected.
In the formula 7, peak current ILxmax at discontinuous mode can be calculated. Put Iconst
=0 in the formula.
The explanation above is based on the ideal calculation, and the loss caused by Lx switch and external
components is not included. The actual maximum output current is between 50% and 80% of the calculation.
Especially, when the ILx is large, or VIN is low, the loss of VIN is generated with the on resistance of the switch. As
for VOUT, Vf (as much as 0.3V) of the diode should be considered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com