Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1211D103C Datasheet(PDF) 15 Page - RICOH electronics devices division

Part # R1211D103C
Description  STEP-UP DC/DC CONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1211D103C Datasheet(HTML) 15 Page - RICOH electronics devices division

Back Button R1211D103C Datasheet HTML 11Page - RICOH electronics devices division R1211D103C Datasheet HTML 12Page - RICOH electronics devices division R1211D103C Datasheet HTML 13Page - RICOH electronics devices division R1211D103C Datasheet HTML 14Page - RICOH electronics devices division R1211D103C Datasheet HTML 15Page - RICOH electronics devices division R1211D103C Datasheet HTML 16Page - RICOH electronics devices division R1211D103C Datasheet HTML 17Page - RICOH electronics devices division R1211D103C Datasheet HTML 18Page - RICOH electronics devices division R1211D103C Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
R1211x
15
∗DELAY Pin Detector Threshold Voltage Test
∗AMP "H" Output Current/"L"
Output Current Test
OSCILLOSCOPE
VIN
GND
EXT
VFB
DELAY
3.3V
VIN
GND
AMPOUT
VFB
DELAY
3.3V
A
0.9V/1.1V
1V
∗UVLO Detector Threshold/Hysteresis Range Test
OSCILLOSCOPE
VIN
GND
EXT
VFB
DELAY
∗Soft-start Time Test
VIN
GND
EXT
AMPOUT
VFB
DELAY
Coil
C5
C2
OSCILLOSCOPE
C4 R4
R3
C1
R1
R2
Rout
VOUT
Diode
NMOS
C3
<Components>
Inductor (L)
: 22
µH (TDK LDR655312T-220)
Diode (SD)
: CRS02 (Toshiba)
Capacitors
C1:680pF(Ceramic), C2:22
µF (Tantalum)+2.2µF (Ceramic),
C3:68
µF (Tantalum)+2.2µF (Ceramic), C4:2200pF(Ceramic), C5:22µF(Tantalum)
NMOS Transistor
: IRF7601 (International Rectifier)
Resistors
: R1: 90k
Ω, R2:10kΩ, R3:30kΩ, R4:30kΩ, Rout:1kΩ/330Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com