Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2771CDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2771CDBVT
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2771CDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLV2771CDBVT Datasheet HTML 27Page - Texas Instruments TLV2771CDBVT Datasheet HTML 28Page - Texas Instruments TLV2771CDBVT Datasheet HTML 29Page - Texas Instruments TLV2771CDBVT Datasheet HTML 30Page - Texas Instruments TLV2771CDBVT Datasheet HTML 31Page - Texas Instruments TLV2771CDBVT Datasheet HTML 32Page - Texas Instruments TLV2771CDBVT Datasheet HTML 33Page - Texas Instruments TLV2771CDBVT Datasheet HTML 34Page - Texas Instruments TLV2771CDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
31
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 46
60
40
20
0
50
30
10
10
CL − Load Capacitance − pF
1k
VDD = 5 V
RL = 600 Ω
TA = 25°C
100
10k
100K
PHASE MARGIN
vs
LOAD CAPACITANCE
90
70
80
Rnull = 0
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
Figure 47
15
25
35
40
20
30
10
CL − Load Capacitance − pF
1k
VDD = 5 V
RL = 600 Ω
TA = 25°C
100
10k
100K
GAIN MARGIN
vs
LOAD CAPACITANCE
0
10
5
Rnull = 0
Rnull = 20 Ω
Rnull = 50 Ω
Rnull = 100 Ω
Figure 48
VDD = 5 V
AV = 5
TA = 25°C
TLV2770
AMPLIFIER WITH SHUTDOWN PULSE
TURNON/OFF CHARACTERISTICS
6
0
−4
−8
−12
2
−2
−6
−10
−4
−2
0
2
8
t − Time −
µs
6
410
14
12
8
6
5
4
3
2
1
0
−1
4
7
SHDN = VDD
SHDN = GND
VO
Figure 49
TLV2773
AMPLIFIER WITH SHUTDOWN PULSE
TURNON/OFF CHARACTERISTICS
8
2
−2
−6
−10
4
0
−4
−8
−2.5
0
2.5
7.5
t − Time −
µs
510
15
12.5
8
6
5
4
3
2
1
0
−1
6
7
SHDN = VDD
VO
Channel 1
VDD = 5 V
AV = 5
TA = 25°C
Channel 1 Switched
Channel 2 SHDN MODE
SHDN = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com