Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2771CDBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2771CDBVT
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2771CDBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV2771CDBVT Datasheet HTML 14Page - Texas Instruments TLV2771CDBVT Datasheet HTML 15Page - Texas Instruments TLV2771CDBVT Datasheet HTML 16Page - Texas Instruments TLV2771CDBVT Datasheet HTML 17Page - Texas Instruments TLV2771CDBVT Datasheet HTML 18Page - Texas Instruments TLV2771CDBVT Datasheet HTML 19Page - Texas Instruments TLV2771CDBVT Datasheet HTML 20Page - Texas Instruments TLV2771CDBVT Datasheet HTML 21Page - Texas Instruments TLV2771CDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
18
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
vs Common-mode input voltage
1,2
3,4
VIO
Input offset voltage
vs Common-mode input voltage
Distribution
3,4
5,6
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
7
VOH
High-level output voltage
vs High-level output current
8,9
VOL
Low-level output voltage
vs Low-level output current
10,11
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
12,13
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
14
15
VO
Output voltage
vs Differential input voltage
16
AVD
Large-signal differential voltage amplification and phase margin
vs Frequency
17,18
AVD
Differential voltage amplification
vs Load resistance
vs Free-air temperature
19
20,21
zo
Output impedance
vs Frequency
22,23
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
24
25
kSVR
Supply-voltage rejection ratio
vs Frequency
26,27
IDD
Supply current (per channel)
vs Supply voltage
28
SR
Slew rate
vs Load capacitance
29
SR
Slew rate
vs Load capacitance
vs Free-air temperature
29
30
VO
Voltage-follower small-signal pulse response
31,32
VO
Voltage-follower large-signal pulse response
33,34
VO
Inverting small-signal pulse response
35,36
VO
Inverting large-signal pulse response
37,38
Vn
Equivalent input noise voltage
vs Frequency
39,40
Noise voltage (referred to input)
Over a 10-second period
41
THD + N
Total harmonic distortion plus noise
vs Frequency
42,43
Gain-bandwidth product
vs Supply voltage
44
B1
Unity-gain bandwidth
vs Load capacitance
45
φm
Phase margin
vs Load capacitance
46
Gain margin
vs Load capacitance
47
Amplifier with shutdown pulse turnon/off characteristics
48 − 50
Supply current with shutdown pulse turnon/off characteristics
51 − 53
Shutdown supply current
vs Free-air temperature
54
Shutdown forward/reverse isolation
vs Frequency
55, 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com