Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES3J
Description  3.0 AMPS. Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES3J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (ES3A THRU ES3J)
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
10
100
150
125
100
75
50
25
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
o
(JEDEC Method) at TL=120 C
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
80
90
100
120
140
150
130
110
0
2
3
1
o
LEAD TEMPERATURE. ( C)
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED ON
0.6X0.6"(16X16mm) COPPER PADS
10
1
0
100
105
75
45
30
15
90
60
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
ES3A
- D
ES3F
- J
0
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
10
100
1000
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
Tj=100 C
0
Tj=75 C
0
Tj=25 C
FIG.3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.01
1
10
100
0.1
FORWARD VOLTAGE. (V)
0
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
1
0.01
0.1
10
100
0.1
10
1
100
T, HEATINGTIME (sec.)
Version: B07
FIG.7- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com