Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ES3J
Description  3.0 AMPS. Surface Mount Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ES3J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
- 184 -
Version: B07
ES3A - ES3J
3.0 AMPS. Surface Mount Super Fast Rectifiers
SMC/DO-214AB
.126(3.20)
.114(2.90)
.012(.31)
.006(.15)
.008(.20)
.004(.10)
.063(1.6)
.039(1.0)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.103(2.62)
.079(2.00)
.320(8.13)
.305(7.75)
.061(1.56)
.050(1.26)
Features
Glass passivated junction chip
For surface mounted applications
Low profile package
Built-in strain relief
Ideal for automated placement
Easy pick and place
Super fast recovery time for high efficiency
Glass passivated chip junction
High temperature soldering:
260
oC/10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Classification 94V-0
Mechanical Data
Cases: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 16mm tape per EIA STD RS-481
Weight: 0.21 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
ES
3A
ES
3B
ES
3C
ES
3D
ES
3F
ES
3G
ES
3H
ES
3J
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
500
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
350
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
500
600
V
Maximum Average Forward Rectified Current
See Fig. 1
I(AV)
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method ) @TL = 100
oC
IFSM
100
A
Maximum Instantaneous Forward Voltage
@ 3.0A
VF
0.95
1.3
1.7
V
Maximum DC Reverse Current @ TA =25
oC
at Rated DC Blocking Voltage @ TA=100
oC
IR
10
500
uA
uA
Maximum Reverse Recovery Time ( Note 1 )
Trr
35
nS
Typical Junction Capacitance ( Note 2 )
Cj
45
30
pF
Typical Thermal Resistance (Note 3)
RθJA
RθJL
47
12
oC /W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Units Mounted on P.C.B. with 0.6” x 0.6”(16mm x 16mm) Copper Pad Areas


Similar Part No. - ES3J

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3J WEITRON-ES3J Datasheet
302Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES3J TSC-ES3J Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
logo
DAESAN ELECTRONIC CORP.
ES3J DAESAN-ES3J Datasheet
336Kb / 2P
CURRENT 3.0 Amperes VOLTAGE 50 to 400 Volts
logo
GOOD-ARK Electronics
ES3J GOOD-ARK-ES3J Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
MIC GROUP RECTIFIERS
ES3J MIC-ES3J Datasheet
63Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES3J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_1 Datasheet
271Kb / 2P
3.0 AMPS. Super Fast Rectifiers
ES3A TSC-ES3A Datasheet
56Kb / 2P
3.0 AMPS. Super Fast Surface Mount Rectifiers
SF31 TSC-SF31 Datasheet
70Kb / 2P
3.0 AMPS. Super Fast Rectifiers
SF31 TSC-SF31_1 Datasheet
253Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
Yangzhou yangjie electr...
SF31 YANGJIE-SF31 Datasheet
781Kb / 2P
3.0 AMPS. SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
31DF4 TSC-31DF4_10 Datasheet
528Kb / 2P
3.0 AMPS. Super Fast Rectifiers
SF31 TSC-SF31_10 Datasheet
570Kb / 2P
3.0 AMPS. Super Fast Rectifiers
ES3A TSC-ES3A_10 Datasheet
601Kb / 2P
3.0 AMPS. Surface Mount Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
SF31 LUGUANG-SF31 Datasheet
182Kb / 2P
3.0 AMPS. Super Fast Rectifiers
logo
First Components Intern...
SFS31G FCI-SFS31G Datasheet
498Kb / 2P
3.0 Amps Surface Mount Glass Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com