Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772IPE4 Datasheet(PDF) 39 Page - Texas Instruments

Part # TLV2772IPE4
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IPE4 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV2772IPE4 Datasheet HTML 35Page - Texas Instruments TLV2772IPE4 Datasheet HTML 36Page - Texas Instruments TLV2772IPE4 Datasheet HTML 37Page - Texas Instruments TLV2772IPE4 Datasheet HTML 38Page - Texas Instruments TLV2772IPE4 Datasheet HTML 39Page - Texas Instruments TLV2772IPE4 Datasheet HTML 40Page - Texas Instruments TLV2772IPE4 Datasheet HTML 41Page - Texas Instruments TLV2772IPE4 Datasheet HTML 42Page - Texas Instruments TLV2772IPE4 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
39
WWW.TI.COM
APPLICATION INFORMATION
general power dissipation considerations
For a given
θJA, the maximum power dissipation is shown in Figure 63 and is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of TLV277x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)
1
0.75
0.5
0
−55 −40 −25 −10 5
1.25
1.5
MAXIMUM POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
1.75
20 35 50
0.25
TA − Free-Air Temperature − °C
2
65 80 95 110 125
MSOP Package
Low-K Test PCB
θJA = 260°C/W
TJ = 150°C
PDIP Package
Low-K Test PCB
θJA = 104°C/W
SOIC Package
Low-K Test PCB
θJA = 176°C/W
SOT-23 Package
Low-K Test PCB
θJA = 324°C/W
NOTE A: Results are with no air flow and using JEDEC Standard Low-K test PCB.
Figure 63. Maximum Power Dissipation vs Free-Air Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com