Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2772IPE4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2772IPE4
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2772IPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2772IPE4 Datasheet HTML 17Page - Texas Instruments TLV2772IPE4 Datasheet HTML 18Page - Texas Instruments TLV2772IPE4 Datasheet HTML 19Page - Texas Instruments TLV2772IPE4 Datasheet HTML 20Page - Texas Instruments TLV2772IPE4 Datasheet HTML 21Page - Texas Instruments TLV2772IPE4 Datasheet HTML 22Page - Texas Instruments TLV2772IPE4 Datasheet HTML 23Page - Texas Instruments TLV2772IPE4 Datasheet HTML 24Page - Texas Instruments TLV2772IPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
21
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 9
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3
2
1
0
010
15
IOH − High-Level Output Current − mA
5
3.5
2.5
1.5
0.5
20
4
25
35
30
40
45
55
50
VDD = 5 V
TA = 25°C
4.5
5
TA = −40°C
TA = 85°C
TA = 25°C
TA = 125°C
Figure 10
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3
2
1
0
2.5
1.5
0.5
0
5
10
15
IOL − Low-Level Output Current − mA
30
20
VDD = 2.7 V
TA = 125°C
25
TA = 85°C
TA = 25°C
TA = −40°C
Figure 11
2
1
0
010
IOL − Low-Level Output Current − mA
2.5
1.5
0.5
20
3
30
40
50
VDD = 5 V
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 125°C
TA = 85°C
TA = −40°C
TA = 25°C
Figure 12
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
3
1
0
1000
f − Frequency − kHz
5
10000
100
4
RL = 10 kΩ
2
VDD = 5 V
1% THD
VDD = 2.7 V
2% THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com