Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2774CPWRG4 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV2774CPWRG4
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2774CPWRG4 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2774CPWRG4 Datasheet HTML 12Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 13Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 14Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 15Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 16Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 17Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 18Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 19Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
16
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2772Q
TLV2772M
TLV2772AQ
TLV2772AM
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
0.36
2.5
0.36
1.6
mV
VIO
Input offset voltage
Full range
0.4
2.7
0.4
1.9
mV
VIO
Temperature
coefficient of input
25
°C
to
2
2
V/
°C
αVIO
coefficient of input
offset voltage
VDD = ± 2.5 V,
VIC = 0,
VO = 0,
RS = 50 Ω
to
125
°C
2
2
µV/°C
IIO
Input offset current
DD
VIC = 0,
O
RS = 50 Ω
25
°C
1
60
1
60
pA
IIO
Input offset current
Full range
2
125
2
125
pA
IIB
Input bias current
25
°C
2
60
2
60
pA
IIB
Input bias current
Full range
6
350
6
350
pA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode
CMRR > 60 dB,
RS = 50 Ω
25 C
to
3.7
to
3.8
to
3.7
to
3.8
V
VICR
Common-mode
input voltage range
CMRR > 60 dB,
RS = 50 Ω
0
− 0.3
0
− 0.3
V
input voltage range
Full range
0
to
− 0.3
to
0
to
− 0.3
to
Full range
to
3.7
to
3.8
to
3.7
to
3.8
IOH = − 1.3 mA
25
°C
4.9
4.9
VOH
High-level output
IOH = − 1.3 mA
Full range
4.8
4.8
V
VOH
High-level output
voltage
IOH = − 4.2 mA
25
°C
4.7
4.7
V
voltage
IOH = − 4.2 mA
Full range
4.4
4.4
VIC = 2.5 V,
IOL = 1.3 mA
25
°C
0.1
0.1
VOL
Low-level output
VIC = 2.5 V,
IOL = 1.3 mA
Full range
0.2
0.2
V
VOL
Low-level output
voltage
VIC = 2.5 V,
IOL = 4.2 mA
25
°C
0.21
0.21
V
voltage
VIC = 2.5 V,
IOL = 4.2 mA
Full range
0.6
0.6
AVD
Large-signal
differential voltage
VIC = 2.5 V,
RL = 10 kΩ,‡
25
°C
20
450
20
450
V/mV
AVD
differential voltage
amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 10 kΩ,‡
Full range
13
13
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode
input capacitance
f = 10 kHz,
25
°C
8
8
pF
zo
Closed-loop
output impedance
f = 100 kHz,
AV = 10
25
°C
20
20
Ω
CMRR
Common-mode
VIC = VICR (min),
VO = 3.7 V,
25
°C
60
96
60
96
dB
CMRR
Common-mode
rejection ratio
VIC = VICR (min),
RS = 50 Ω
VO = 3.7 V,
Full range
60
93
60
93
dB
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 5 V,
VIC = VDD /2,
25
°C
70
89
70
89
dB
kSVR
rejection ratio
(
∆VDD /∆VIO)
VDD = 2.7 V to 5 V,
No load
VIC = VDD /2,
Full range
70
84
70
84
dB
IDD
Supply current
VO = 1.5 V,
No load
25
°C
1
2
1
2
mA
IDD
Supply current
(per channel)
VO = 1.5 V,
No load
Full range
2
2
mA
† Full range is −40°C to 125°C for Q level part, −55°C to 125°C for M level part.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com