Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2774CPWRG4 Datasheet(PDF) 25 Page - Texas Instruments

Part # TLV2774CPWRG4
Description  FAMILY OF 2.7-V HIGH-SLEW-RATE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2774CPWRG4 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV2774CPWRG4 Datasheet HTML 21Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 22Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 23Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 24Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 25Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 26Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 27Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 28Page - Texas Instruments TLV2774CPWRG4 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
TLV277x, TLV277xA
FAMILY OF 2.7V HIGHSLEW RATE RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS209G − JANUARY 1998 − REVISED FEBRUARY 2004
25
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 23
OUTPUT IMPEDANCE
vs
FREQUENCY
100
1
0.01
10
0.1
f − Frequency − Hz
100
1k
10k
100k
1M
VDD = ±2.5 V
TA = 25°C
Av = 100
Av = 10
Av = 1
Figure 24
VIC = 1.35 V
and 2.5 V
TA = 25°C
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
90
80
60
40
70
50
10
100
1k
f − Frequency − Hz
10k
100k
10M
VDD = 5 V
VDD = 2.7 V
1M
Figure 25
−20
−40
0
20
80
60
40
100
120
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
110
100
90
80
105
95
85
TA − Free-Air Temperature − °C
120
115
VDD = 5 V
VDD = 2.7 V
140
Figure 26
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREQUENCY
120
60
0
10
100
1k
10k
f − Frequency − Hz
10M
kSVR−
VDD = 2.7 V
TA = 25°C
100k
1M
kSVR+
100
40
80
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com