Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS2000 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button VS2000 Datasheet HTML 13Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 14Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 15Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 16Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 17Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 18Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 19Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 20Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
7. EXAMPLE APPLICATION
7.1
Usage Hints
Linux
Mplayer requires the following options to play the 6-channel audio instead of 2-channel: -channels 6 -af
channels=6:6:0:0:1:1:2:4:3:5:4:2:5:3
. The first option selects six channels, and the second option
corrects the channel mapping. Mplayer does not determine the output channel mapping automatically.
Also an option like -ao alsa:device=hw=1.0 may be needed to select the USB Audio Device in case the
system has multiple audio devices.
MAC
The MAC system player seems to only play the two-channel mix of a DVD, and can not be configured for multi-
channel sound, as far as we could determine.
Mplayer requires the following options to play the 6-channel audio instead of 2-channel: -channels 6 -af
channels=6:6:0:0:1:1:2:4:3:5:4:2:5:3
. The first option selects six channels, and the second option
corrects the channel mapping. Mplayer does not determine the output channel mapping automatically.
Windows 2000Pro, XP, Vista
Windows MediaPlayer should play all the channels and it also processes the channel order information, thus plays
the channels in the right order. Some old third-party DVD player applications only play 2-channel audio.
Version 0.3,
2007-09-05
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com