Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS2000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VS2000
Description  Headtracking Multichannel USB Audio Headphone IC / USB DAC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS2000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VS2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 3Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 7Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 8Page - List of Unclassifed Manufacturers VS2000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VLSI
Solution
y
VS2000 PRELIMINARY
VS2000
1. DISCLAIMER
1
Disclaimer
This is a preliminary datasheet. All properties and figures are subject to change.
2
Definitions
B Byte, 8 bits.
b Bit.
Ki “Kibi” = 210 = 1024 (IEC 60027-2).
Mi “Mebi” = 220 = 1048576 (IEC 60027-2).
VS DSP VLSI Solution’s DSP core.
W Word. In VS DSP, instruction words are 32-bit and data words are 16-bit wide.
3
Characteristics & Specifications
3.1
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Regulator input voltage
VHIGH
-0.3
4.0
V
Injected Current on Any Pin
±50
mA
Voltage at Any Digital Input
-0.3
IOVDD+0.31
V
Operating Temperature
-40
+85
◦C
Storage Temperature
-65
+150
◦C
1 Must not exceed 3.6 V
3.2
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Ambient Operating Temperature
-40
+85
◦C
Analog and Digital Ground 1
AGND DGND
0.0
V
Regulator input voltage3
VHIGH
AVDD+0.3
5.0
5.25
V
Input Clock Frequency
XTALI
122
MHz
Internal Clock Frequency
CLKI
12
48
48
MHz
Master Clock Duty Cycle
40
50
60
%
1 Must be connected together as close the device as possible for latch-up immunity.
2 To be able to use USB, XTALI must be 12 MHz.
3 4.0 V is required for compliant USB level.
Version 0.3,
2007-09-05
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com