Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZUXBA Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PZUXBA Datasheet HTML 1Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
Working
voltage
VZ (V)
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)
Non-repetitive
peak
reverse current
IZSM (A)
IZ = 5 mA
IZ = 0.5 mA IZ = 5 mA
IZ = 5 mA
f = 1 MHz;
VR = 0 V
tp = 100 μs;
square wave;
Tj = 25 °C ;
prior to surge
PZU
xBA
Sel
Min
Max Max
Max
Max
VR (V) Typ
Max
Max
B
5.31
5.92
B1
5.31
5.55
B2
5.49
5.73
5.6
B3
5.67
5.92
100
40
1000
2.5
1.9
275
5.5
B
5.86
6.53
B1
5.86
6.12
B2
6.06
6.33
6.2
B3
6.26
6.53
80
30
500
3
2.7
250
5.5
B
6.47
7.14
B1
6.47
6.73
B2
6.65
6.93
6.8
B3
6.86
7.14
60
20
500
3.5
3.4
215
5.5
B
7.06
7.84
B1
7.06
7.36
B2
7.28
7.60
7.5
B3
7.52
7.84
60
10
500
4
4.0
170
3.5
B
7.76
8.64
B1
7.76
8.10
B2
8.02
8.36
8.2
B3
8.28
8.64
60
10
500
5
4.6
150
3.5
B
8.56
9.55
B1
8.56
8.93
B2
8.85
9.23
9.1
B3
9.15
9.55
60
10
500
6
5.5
120
3.5
B
9.45
10.55
B1
9.45
9.87
B2
9.77
10.21
10
B3
10.11 10.55
60
10
100
7
6.4
110
3.5
B
10.44 11.56
B1
10.44 10.88
B2
10.76 11.22
11
B3
11.10 11.56
60
10
100
8
7.4
108
3
B
11.42 12.60
B1
11.42 11.90
B2
11.74 12.24
12
B3
12.08 12.60
80
10
100
9
8.4
105
3
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
5 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com