Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZUXBA Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # PZUXBA
Description  Zener voltage regulator diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PZUXBA Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button PZUXBA Datasheet HTML 2Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 3Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 4Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 5Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 6Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 7Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 8Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 9Page - Nexperia B.V. All rights reserved PZUXBA Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Nexperia
PZUxBA series
Zener voltage regulator diodes
Working
voltage
VZ (V)
Maximum differential
resistance
rdif (Ω)
Reverse
current
IR (nA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)
Non-repetitive
peak
reverse current
IZSM (A)
IZ = 5 mA
IZ = 0.5 mA IZ = 5 mA
IZ = 5 mA
f = 1 MHz;
VR = 0 V
tp = 100 μs;
square wave;
Tj = 25 °C ;
prior to surge
PZU
xBA
Sel
Min
Max Max
Max
Max
VR (V) Typ
Max
Max
B
12.47 13.96
B1
12.47 13.03
B2
12.91 13.49
13
B3
13.37 13.96
80
10
100
10
9.4
103
2.5
14
B2
13.70 14.30 80
10
100
11
10.4
101
2
B
13.84 15.52
B1
13.84 14.46
B2
14.34 14.98
15
B3
14.85 15.52
80
15
50
11
11.4
99
2
B
15.37 17.09
B1
15.37 16.01
B2
15.85 16.51
16
B3
16.35 17.09
80
20
50
12
12.4
97
1.5
B
16.94 19.03
B1
16.94 17.70
B2
17.56 18.35
18
B3
18.21 19.03
80
20
50
13
14.4
93
1.5
B
18.86 21.08
B1
18.86 19.70
B2
19.52 20.39
20
B3
20.21 21.08
100
20
50
15
16.4
88
1.5
B
20.88 23.17
B1
20.88 21.77
B2
21.54 22.47
22
B3
22.23 23.17
100
25
50
17
18.4
84
1.3
B
22.93 25.57
B1
22.93 23.96
B2
23.72 24.78
24
B3
24.54 25.57
120
30
50
19
20.4
80
1.3
27
B
25.1
28.9
150
40
50
21
23.4
73
1
30
B
28
32
200
40
50
23
26.6
66
1
33
B
31
35
250
40
50
25
29.7
60
0.9
36
B
34
38
300
60
50
27
33.0
59
0.8
PZUXBA_SER
Submit document feedback
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2024. All rights reserved
Product data sheet
Rev. 4 — 16 August 2024
6 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com