| Electronic Components Datasheet Search |
|
KIT-7101-RK Datasheet(PDF) 2 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
KIT-7101-RK Datasheet(HTML) 2 Page - Arista Networks, Inc |
|
2 / 11 page ![]() 7130LBR Series | Platform Overview Composable Architecture To address dynamic application requirements, the 7130LBR features a composable architecture centered around a high-density layer 1 crosspoint. Through the crosspoint any front-panel port can be linked 1:1 or mirrored to any of the platform components. The R-Series switch can be used as a standard in-band device, or tra c can be replicated to it for counters and streaming telemetry. FPGAs support Arista’s 7130 applications, third-party developed images and customer applications. 7130 FPGA Applications Arista o ers several powerful network applications to simplify and transform network infrastructure. These applications are designed for use cases including ultra-low latency exchange trading, network visibility and vendor- or broker-based shared services. These applications enable a complete lifecycle of networking functions, such as packet replication, multiplexing, ltering, time stamping, aggregation and capture. Data Sheet Application Overview Key Features Use it for... MetaWatch Advanced network monitoring • Tapping • Large scale, lossless tap aggregation • Multi-port data capture • Sub-nanosecond precise time stamping • Deep bu ering (32 GB) • In-depth network monitoring and visibility • Improved network reliability & troubleshooting problems • Market data & packet capture • Accurate latency measurement & monitoring • Regulatory compliance (MiFID II - RTS 25) MetaMux Low-latency multiplexing • Data aggregation in 39 nanoseconds • Deterministic jitter • Packet statistics • BGP & PIM support • Ultra-low latency network connectivity for trading • Market data fan-out and data aggregation for order entry at nanosecond levels MultiAccess* Connection sharing with enhanced security • Low-latency multiplexing and security from 55 nanoseconds • ACL-based con gurable ltering • Easy to deploy data privacy for connection sharing • Secure network connection sharing • Providing sponsored access to multiple clients • Multi tenant exchange access • Low latency interconnect sharing Exchange* In-line packet time- stamping enabling exchange fairness • Timestamp at the edge of trading venue networks • Enabled by reliable accuracy • Time/latency in the venue implementation becomes less relevant • Increase exchange fairness • Reduce trading venue latency sensitivity * Not currently supported in EOS Arista 7130LBR-48S6QD System Architecture |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |