Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-Q0603 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-Q0603
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0603 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-Q0603 Datasheet HTML 1Page - Abracon Corporation AISC-Q0603 Datasheet HTML 2Page - Abracon Corporation AISC-Q0603 Datasheet HTML 3Page - Abracon Corporation AISC-Q0603 Datasheet HTML 4Page - Abracon Corporation AISC-Q0603 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603 Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Test Conditions:
Inductance, Q, SRF: HP4286/E4982A
DCR: Micro-Ohm meter (Gom-801G)/E4982A
IDC: Applied the current to coils, the temperature of coil increases ΔT15℃(Ta=25℃).
Operating Temperature: -40°C to +125°C
Components Storage Temperature: -40°C to +125°C
Tape and Reel packaging Temperature: 15~28°C; < 80% RH
AISC-Q0603 is AEC-Q200 Qualified
AISC-Q0603 Series is RoHS Compliant and Pb free
AISC-Q0603 -
-
Inductance Code
Refer to the electrical
specifications table
A
B
C
D
E
F
G
H
I
J
1.80 max 1.12 max 1.02 max 0.38 max
0.76
0.33
0.86
1.02
0.64
0.64
Dimensions: mm
Packaging
T: Tape & Reel 4,000 units
Blank: Bulk
Tolerance Code
G: ±2%
J: ±5%
K: ±10%
Part Number Identification
Mechanical Dimensions
Electrical Specifications (Cont’d)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com