Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-Q0603 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-Q0603
Description  Ceramic Wirewound RF Inductor (AEC-Q200)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-Q0603 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-Q0603 Datasheet HTML 1Page - Abracon Corporation AISC-Q0603 Datasheet HTML 2Page - Abracon Corporation AISC-Q0603 Datasheet HTML 3Page - Abracon Corporation AISC-Q0603 Datasheet HTML 4Page - Abracon Corporation AISC-Q0603 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Ceramic Wirewound RF Inductor (AEC-Q200)
AISC-Q0603 Series
1.80 x 1.12 x 1.02 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
REVISION Initial Release :
11/21/2023
5101 Hidden Creek Ln, Spicewood TX 78669
Phone: 512-371-6159 Fax: 512-351-8858
For terms and conditions of sales, please visit:
www.abracon.com
Part
Number
Inductance
Code
L
(nH)
Tolerance
Q
L/Q Test
SRF
DCR
IDC
Min 900MHz
1.7GHz
Freq
Min
Max
Max
(MHz)
(GHz)
(Ω)
(mA)
1N6
1.6
J, K
24
35
55
250
12.5
0.030
700
1N8
1.8
J, K
16
35
50
250
12.5
0.045
700
2N2
2.2
J, K
15
41
64
250
6.00
0.100
700
2N3
2.3
J, K
16
32
40
250
>4.00
0.140
700
3N3
3.3
G, J, K
22
47
65
250
>6.00
0.080
700
3N6
3.6
G, J, K
22
49
65
250
5.80
0.063
700
3N9
3.9
G, J, K
22
49
67
250
>6.00
0.080
700
4N3
4.3
G, J, K
22
49
67
250
5.80
0.063
700
4N5
4.5
G, J, K
20
55
92
250
5.80
0.120
700
4N7
4.7
G, J, K
25
53
67
250
5.80
0.120
700
5N1
5.1
G, J, K
20
47
56
250
5.80
0.160
700
5N6
5.6
G, J, K
20
56
77
250
5.80
0.170
700
6N2
6.2
G, J, K
25
60
85
250
5.80
0.110
700
6N3
6.3
G, J, K
25
41
61
250
5.80
0.110
700
6N8
6.8
G, J, K
27
60
81
250
5.80
0.110
700
7N5
7.5
G, J, K
28
60
65
250
4.80
0.106
700
8N2
8.2
G, J, K
27
64
81
250
4.80
0.110
700
8N7
8.7
G, J, K
28
62
58
250
4.80
0.109
700
9N1
9.1
G, J, K
35
70
80
250
4.80
0.130
700
9N5
9.5
G, J, K
28
59
61
250
5.40
0.135
700
10N
10
G, J, K
31
66
83
250
4.80
0.130
700
11N
11
G, J, K
31
53
56
250
4.00
0.086
700
12N
12
G, J, K
35
72
83
250
4.00
0.130
700
15N
15
G, J, K
35
64
89
250
4.00
0.170
700
16N
16
G, J, K
35
55
52
250
3.30
0.110
700
17N
17
G, J, K
35
56
44
250
3.20
0.170
700
•
PPAP ready and supported
•
TS16949 certified production lines
•
AEC-Q200 (grade 1) qualified
•
Ceramic base with high SRF
•
Excellent DCR and current carrying characteristics.
•
Ultra-compact inductors
•
Tight tolerance down to ±2%
•
Automotive applications
•
Bluetooth, W-LAN, Broadband Network
•
Impedance matching networks
•
Filtering for high frequency communication
circuits
•
Video cameras, displays, and other electronic
devices.
Electrical Specifications
Applications
Features


Similar Part No. - AISC-Q0603

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-Q0603HC ABRACON-AISC-Q0603HC Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-10N ABRACON-AISC-Q0603HC-10N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-12N ABRACON-AISC-Q0603HC-12N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-15N ABRACON-AISC-Q0603HC-15N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
AISC-Q0603HC-18N ABRACON-AISC-Q0603HC-18N Datasheet
525Kb / 4P
Ceramic Wirewound RF Inductor (AEC-Q200)
11/21/2023
More results

Similar Description - AISC-Q0603

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
MBH12575C TOKO-MBH12575C Datasheet
209Kb / 1P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
TT Electronics.
HA65A TTELEC-HA65A Datasheet
473Kb / 2P
AEC-Q200 certified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
AEC-Q200 qualified
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com