Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54ACT05 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD54ACT05
Description  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT05 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54ACT05_V01 Datasheet HTML 2Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 3Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 4Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 5Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 6Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 7Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 8Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 9Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
5 Parameter Measurement Information
tPZL
tPLZ
VCC
0 V
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns, tf ≤ 3 ns.
C. The outputs are measured one at a time, with one input transition per measurement.
50% VCC
50% VCC
Output
VOL
≈VCC
50% VCC
20% VCC
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2 × VCC
R1 = 500 Ω†
R2 = 500 Ω†
† When VCC = 1.5 V, R1 = R2 = 1 kΩ
Figure 5-1. Load Circuit and Voltage Waveforms
CD54ACT05, CD74ACT05
SCHS311E – JANUARY 2001 – REVISED NOVEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54ACT05 CD74ACT05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com