Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54ACT05 Datasheet(PDF) 8 Page - Texas Instruments

Part # CD54ACT05
Description  CDx4ACT05 Hex Inverters With Open-Drain Outputs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT05 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CD54ACT05_V01 Datasheet HTML 4Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 5Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 6Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 7Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 8Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 9Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 10Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 11Page - Texas Instruments CD54ACT05_V01 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the Section
4.3.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1 μF is recommended; if there are multiple VCC pins, then 0.01 μF or 0.022 μF is recommended for
each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 μF
and a 1 μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
7.2 Layout
7.2.1 Layout Guidelines
When using multiple-bit logic devices, inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not
be left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Layout Example specifies the rules that must be observed under all circumstances. All unused inputs
of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level
that should be applied to any particular unused input depends on the function of the device. Generally they will
be tied to GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float
outputs, unless the part is a transceiver. If the transceiver has an output enable pin, it will disable the output
section of the part when asserted. This will not disable the input section of the IOs, so they cannot float when
disabled.
7.2.2 Layout Example
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2Y
3A
3Y
GND
V
CC
6A
6Y
5Y
4A
4Y
GND
V
CC
5A
2A
0.1
F
Unused inputs
tied to VCC
Bypass capacitor
placed close to the
device
Avoid 90°
corners for
signal lines
Recommend GND flood fill for
improved signal isolation, noise
reduction, and thermal dissipation
Unused
output left
floating
Figure 7-1. Example Layout for the CD74ACT05
CD54ACT05, CD74ACT05
SCHS311E – JANUARY 2001 – REVISED NOVEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54ACT05 CD74ACT05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com