Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCDB2000 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 8Page - Texas Instruments CDCDB2000 Datasheet HTML 9Page - Texas Instruments CDCDB2000 Datasheet HTML 10Page - Texas Instruments CDCDB2000 Datasheet HTML 11Page - Texas Instruments CDCDB2000 Datasheet HTML 12Page - Texas Instruments CDCDB2000 Datasheet HTML 13Page - Texas Instruments CDCDB2000 Datasheet HTML 14Page - Texas Instruments CDCDB2000 Datasheet HTML 15Page - Texas Instruments CDCDB2000 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
The SMBus address pins are sampled PWRGD is set to 1. See Table 6-1 for address pin configuration. The
address cannot be changed until the PWRGD state is cleared by powering down the device.
Table 6-1. SMBus Address Assignment
SADR1
SADR0
SMBUS ADDRESS
L
L
0xD8
L
M
0xDA
L
H
0xDE
M
L
0xC2
M
M
0xC4
M
H
0xC6
H
L
0xCA
H
M
0xCC
H
H
0xCE
6.3.3 Side-Band Interface
The Side-Band Interface(SBI) is a basic 3-wire interface that consists of the DATA, CLK and SHFT_LD# pins.
The SBI is used to shift data into a 20-bit long shift register. When the SHFT_LD# pin is high, the rising edge
of CLK can shift DATA into the shift register. After shifting data, the falling edge of SHFT_LD# clocks the shift
register contents to the SBI output register.
While SBI is enabled by the SBEN pin, OE[7:9, 11, 12]# pins are disabled and DATA, CLK and SHFT_LD# are
enabled on the OE5#, OE6# and OE10# pins, respectively.
When power has been applied, and SBEN = 1, the SBI is active regardless of the CKPWRGD_PD# pin state.
This characteristic allows loading the shift register and transferring the contents to the SBI output register before
the first assertion of the CKPWRGD_PD# pin.
6.4 Device Functional Modes
6.4.1 CKPWRGD_PD# Function
The CKPWRGD_PD# pin is used to set 2 state variables inside of the device: PWRGD, and PD#. The PWRGD
and PD# variables control which functions of the device are active at any time, as well as the state of the input
and output pins.
The PWRGD and PD# states are multiplexed on the CKPWRGD_PD# pin. CKPWRGD_PD# must remain below
VOL and not exceed VDD_A + 0.3 V until VDD, VDD_A, and CLKIN are present and within the recommended
operating conditions.
The first rising edge of the CKPWRGD_PD# pin sets PWRGD = 1. After PWRGD is set to 1, the
CKPWRGD_PD# pin is used to assert PD# mode only. PWRGD variable will only be cleared to 0 with the
removal of VDD and VDD_A.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com