Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCDB2000 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB2000
Description  CDCDB2000 DB2000QL-Compliant 20-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB2000 Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCDB2000 Datasheet HTML 16Page - Texas Instruments CDCDB2000 Datasheet HTML 17Page - Texas Instruments CDCDB2000 Datasheet HTML 18Page - Texas Instruments CDCDB2000 Datasheet HTML 19Page - Texas Instruments CDCDB2000 Datasheet HTML 20Page - Texas Instruments CDCDB2000 Datasheet HTML 21Page - Texas Instruments CDCDB2000 Datasheet HTML 22Page - Texas Instruments CDCDB2000 Datasheet HTML 23Page - Texas Instruments CDCDB2000 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
Return to the Summary Table.
The BTRDCNT register allows configuration of the number of bytes that will be read back from the SMBus
interface on an issued read command.
Table 7-10. BTRDCNT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
RESERVED
R
0h
Reserved
5-0
Read Byte Count[5:0]
R/W
8h
Writing to this register configures how many bytes will be read back.
7.1.9 SBIMSK1 Register (Address = 8h) [reset = 0h]
SBIMSK1 is shown in Table 7-11.
Return to the Summary Table.
The SBIMSK1 register allows the SMBus to force enable each output channel individually when the
CDCDB2000 is in Side-Band interface mode.
Table 7-11. SBIMSK1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SBI Output Mask, CK7
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK7 Enabled
6
SBI Output Mask, CK6
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK6 Enabled
5
SBI Output Mask, CK5
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK5 Enabled
4
SBI Output Mask, CK4
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK4 Enabled
3
SBI Output Mask, CK3
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK3 Enabled
2
SBI Output Mask, CK2
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK2 Enabled
1
SBI Output Mask, CK1
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK1 Enabled
0
SBI Output Mask, CK0
R/W
0h
This bit overrides the the SBI output disable when set.
0h = SBI Controls Output
1h = Output CK0 Enabled
7.1.10 SBIMSK2 Register (Address = 9h) [reset = 0h]
SBIMSK2 is shown in Table 7-12.
Return to the Summary Table.
The SBIMSK2 register allows the SMBus to force enable each output channel individually when the
CDCDB2000 is in Side-Band interface mode.
CDCDB2000
SNAS787B – NOVEMBER 2019 – REVISED OCTOBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CDCDB2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com