Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89V52X2FN Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89V52X2FN
Description  8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89V52X2FN Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89V52X2FN Datasheet HTML 28Page - NXP Semiconductors P89V52X2FN Datasheet HTML 29Page - NXP Semiconductors P89V52X2FN Datasheet HTML 30Page - NXP Semiconductors P89V52X2FN Datasheet HTML 31Page - NXP Semiconductors P89V52X2FN Datasheet HTML 32Page - NXP Semiconductors P89V52X2FN Datasheet HTML 33Page - NXP Semiconductors P89V52X2FN Datasheet HTML 34Page - NXP Semiconductors P89V52X2FN Datasheet HTML 35Page - NXP Semiconductors P89V52X2FN Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
P89V52X2_1
© NXP B.V. 2007. All rights reserved.
Preliminary data sheet
Rev. 01 — 7 June 2007
32 of 56
NXP Semiconductors
P89V52X2
80C51 with 256 B RAM, 192 B data EEPROM
6.12 Power-saving modes
The device provides two power saving modes of operation for applications where power
consumption is critical. The two modes are idle and Power-down, see Table 31.
6.12.1 Idle mode
Idle mode is entered setting the IDL bit in the PCON register. In Idle mode, the program
counter is stopped. The system clock continues to run and all interrupts and peripherals
remain active. The on-chip RAM and the special function registers hold their data during
this mode.
2
EX1
External Interrupt 1 Enable.
1
ET0
Timer 0 Overflow Interrupt Enable.
0
EX0
External Interrupt 0 Enable.
Table 27.
IP - Interrupt priority low register (address B8H) bit allocation
Bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
-
-
PT2
PS
PT1
PX1
PT0
PX0
Table 28.
IP - Interrupt priority low register (address B8H) bit description
Bit
Symbol
Description
7:6
-
Reserved
5
PT2
Timer 2 Interrupt Priority Low Bit
4
PS
Serial Port Interrupt Priority Low Bit.
3
PT1
Timer 1 Interrupt Priority Low Bit.
2
PX1
External Interrupt 1 Priority Low Bit.
1
PT0
Timer 0 Interrupt Priority Low Bit.
0
PX0
External Interrupt 0 Priority Low Bit.
Table 29.
IPH - Interrupt priority high register (address B7H) bit allocation
Not bit addressable; Reset value: 00H
Bit
7
6
5
4
3
2
1
0
Symbol
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Table 30.
IPH - Interrupt priority high register (address B7H) bit description
Bit
Symbol
Description
7:6
-
Reserved
5
PT2H
Timer 2 Interrupt Priority High Bit.
4
PSH
Serial Port Interrupt Priority High Bit.
3
PT1H
Timer 1 Interrupt Priority High Bit.
2
PX1H
External Interrupt 1 Priority High Bit.
1
PT0H
Timer 0 Interrupt Priority High Bit.
0
PX0H
External Interrupt 0 Priority High Bit.
Table 26.
IE - Interrupt enable register (address A8H) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com