Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC34063AMF Datasheet(PDF) 5 Page - ADDtek Corp

Part # AMC34063AMF
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC34063AMF Datasheet(HTML) 5 Page - ADDtek Corp

  AMC34063AMF Datasheet HTML 1Page - ADDtek Corp AMC34063AMF Datasheet HTML 2Page - ADDtek Corp AMC34063AMF Datasheet HTML 3Page - ADDtek Corp AMC34063AMF Datasheet HTML 4Page - ADDtek Corp AMC34063AMF Datasheet HTML 5Page - ADDtek Corp AMC34063AMF Datasheet HTML 6Page - ADDtek Corp AMC34063AMF Datasheet HTML 7Page - ADDtek Corp AMC34063AMF Datasheet HTML 8Page - ADDtek Corp AMC34063AMF Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AMC34063A
Copyright
© 2006 ADDtek Corp.
5
DD014_E -- JUNE 2006
Figure 1 – Step-Up Converter Application Circuits
170uH
L
1.25V
Reference
Oscillator
28V/175mA
V
OUT
330uF
4
1500pF
3
C
T
2
Q1
1
Q2
Q
Isen
2.2K
5
47K
6
100uF
12V
V
IN
180
R
7
S
8
0.22
Rsc
Figure 2 – Step-Down Converter Application Circuit
Oscillator
1.25V
Reference
C
T
V
OUT
5V/500mA
470uF
4
470pF
3
220uH
L
1N5819
2
Q1
1
Q2
Q
V
IN
5
3.6K
6
1.2K
100uF
25V
Isen
R
7
S
8
Rsc
0.33
R1
R2
R1
R2
Co
Co



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com