Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC34063AMF Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC34063AMF
Description  DC-DC CONVERTER CONTROL CIRCUITS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC34063AMF Datasheet(HTML) 1 Page - ADDtek Corp

  AMC34063AMF Datasheet HTML 1Page - ADDtek Corp AMC34063AMF Datasheet HTML 2Page - ADDtek Corp AMC34063AMF Datasheet HTML 3Page - ADDtek Corp AMC34063AMF Datasheet HTML 4Page - ADDtek Corp AMC34063AMF Datasheet HTML 5Page - ADDtek Corp AMC34063AMF Datasheet HTML 6Page - ADDtek Corp AMC34063AMF Datasheet HTML 7Page - ADDtek Corp AMC34063AMF Datasheet HTML 8Page - ADDtek Corp AMC34063AMF Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD014_E -- JUNE 2006
AMC34063A
DC–DC CONVERTER
CONTROL CIRCUITS
DESCRIPTION
FEATURES
The AMC34063A is designed for the applications
which require DC - DC converters. It can be operated in a
wide input range from 3.0V to 40V and has the controlled
duty cycle oscillator, driver and high current output switch.
Also, With the internal temperature compensation circuit, the
AMC34063A provides an internally trimmed precision 2%
reference voltage of 1.25V. These features make the
AMC34063A
suitable
for
step-up,
step-down
and
voltage–inverting applications.
Wide Input Operating Range: 3.0V to 40V
Output Switch Current up to 1.5A
100KHz operational Frequency
Low Standby Current
Internally trimmed 2% 1.25V Reference Voltage
Adjustable Output Voltage
Available in 8 Pin Plastic DIP and 8 Pin S.O
Packages
Direct pin-to-pin replacement for industrial
product MC34063A.
APPLICATIONS
PACKAGE PIN OUT
Chargers
Adaptors
Mother Board
Scanner
SE
Cap
GND
SC
1
2
3
4
VCC
ISEN
8
7
6
5
DrC
M
PACKAGE
(TOP VIEW)
VFB-
SE
Cap
GND
SC
1
2
3
4
VCC
ISEN
8
7
6
5
DrC
DM
PACKAGE
(TOP VIEW)
VFB
ORDER INFORMATION
Plastic DIP
Plastic SO-8
TA (°C)
M
8-pin
DM
8-pin
AMC34063AM (SnPb)
AMC34063ADM (SnPb)
0 to 70
AMC34063AMF (Lead Free)
AMC34063ADMF (Lead Free)
Note:
All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e. AMC34063ADMT).
The letter “F” is marked for Lead Free process.


Similar Part No. - AMC34063AMF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC34063AM ETC-AMC34063AM Datasheet
275Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - AMC34063AMF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC34063A STMICROELECTRONICS-MC34063A Datasheet
130Kb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Apr-2000
MC34063 STMICROELECTRONICS-MC34063 Datasheet
1Mb / 15P
DC-DC CONVERTER CONTROL CIRCUITS
Mar-2001
logo
List of Unclassifed Man...
AMC34063 ETC-AMC34063 Datasheet
275Kb / 9P
DC-DC CONVERTER CONTROL CIRCUITS
MC34063A ETC1-MC34063A Datasheet
124Kb / 10P
DC-DC Converter Control Circuits
logo
STMicroelectronics
MC34063AB STMICROELECTRONICS-MC34063AB Datasheet
993Kb / 23P
DC/DC converter control circuits
20-Nov-2007
logo
HTC Korea TAEJIN Techno...
MC34063A HTC-MC34063A Datasheet
178Kb / 11P
DC-DC Converter Control Circuits
logo
Leshan Radio Company
LR34063 LRC-LR34063 Datasheet
244Kb / 12P
DC-DC Converter Control Circuits
logo
HTC Korea TAEJIN Techno...
MC34063AB HTC-MC34063AB Datasheet
435Kb / 12P
DC-DC Converter Control Circuits
logo
Shenzhen Huazhimei Semi...
HM3134 HMSEMI-HM3134 Datasheet
1Mb / 13P
DC-DC CONVERTER CONTROL CIRCUITS
HM3135 HMSEMI-HM3135 Datasheet
673Kb / 10P
DC-DC CONVERTER CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com