Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOF-1917-MI Datasheet(PDF) 3 Page - Eravant

Part # SOF-1917-MI
Description  U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOF-1917-MI Datasheet(HTML) 3 Page - Eravant

  SOF-1917-MI Datasheet HTML 1Page - Eravant SOF-1917-MI Datasheet HTML 2Page - Eravant SOF-1917-MI Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOF-1917-MI
Rev. 1.1
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 3
U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
Copyright © 2018 by SAGE Millimeter, Inc.
Note:
• All data presented is collected from a sample lot. It is for illustration only. Actual data varies unit
to unit.
• The data given above was tested under case temperature +35 °C.
• Always set the micrometer reading to around 50 GHz when turning on the oscillator to ensure the
correct mode operation.
• SAGE Millimeter Gunn oscillator regulator, model SOR-R3, is highly recommended to prevent the
Gunn oscillator damage due to possible over voltage and/or reverse bias. The outline of the
regulator is shown in the appendix section below.
• SAGE Millimeter, Inc. reserves the right to change the information presented without notice.
Caution:
• Reversing polarity will destroy the device.
• Bias voltage should not exceed +5.2 Volts.
• The case temperature of the device should not exceed +50 ˚C. Use an additional heatsink or fan
if necessary.
• When handling coax connectors, proper torque, 8.0 ± 0.4 inch-pounds (0.90 ± 0.02 Nm), should
be applied. SAGE Millimeter torque wrench, model SCH-08008-S1, is highly recommended.
• Any foreign objects in the waveguide will destroy the device.
Appendix: Outline of Gunn Oscillator Regulator, Model SOR-R3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com