Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOF-1917-MI Datasheet(PDF) 1 Page - Eravant

Part # SOF-1917-MI
Description  U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOF-1917-MI Datasheet(HTML) 1 Page - Eravant

  SOF-1917-MI Datasheet HTML 1Page - Eravant SOF-1917-MI Datasheet HTML 2Page - Eravant SOF-1917-MI Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOF-1917-MI
Rev. 1.1
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 1
U-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 44 to 56 GHz
Copyright © 2018 by SAGE Millimeter, Inc.
Description:
Model SOF-1917-MI is a U-Band, wide mechanical tuning
bandwidth Gunn oscillator that utilizes a high performance
GaAs Gunn diode and proprietary cavity design to deliver +17
dBm typical power with low AM/FM noise and harmonic
emissions. The oscillator has a center frequency of 50 GHz and
a mechanical tuning range of ±6 GHz. Compared to its
multiplier based counterparts, the Gunn oscillator is a lower
cost alternative and a cleaner source. In addition, this model
features an integrated isolator to achieve a more stable performance. By adding a Gunn oscillator
modulator/regulator and temperature heater, the performance of the oscillator can be enhanced even
further.
Features:
• Low AM/FM Noise and Harmonics
• Broad Mechanical Tuning Bandwidth
• Micrometer Tuner
• Integrated Isolator
Applications:
• Test Sources
• Signal Generation
• Lab Test Setups
Electrical Specifications:
Parameter
Minimum
Typical
Maximum
Center Frequency
44 GHz
50 GHz
56 GHz
Mechanical Tuning Range
±6 GHz
Output Power
+17 dBm
Bias Voltage
+4.2 VDC
+5.2 VDC
Bias Current
700 mA
Specification Temperature
+25 °C
Case Temperature
0 °C
+50 °C
Mechanical Specifications:
Item
Specification
RF Port
WR-19 Waveguide with UG-383/U-M Flange
Bias Port
SMA (F)
Mechanical Tuning
Micrometer
Case Material
Aluminum
Finish
Gold Plated
Weight
9.5 Oz
Outline
OM-MU-C-I


Similar Part No. - SOF-1917-MI

ManufacturerPart #DatasheetDescription
logo
Eravant
SOF-1003-M1 ERAVANT-SOF-1003-M1 Datasheet
389Kb / 3P
W-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 90 to 110 GHz
Rev. 1.2
SOF-1205-MI ERAVANT-SOF-1205-MI Datasheet
396Kb / 3P
E-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 65 to 85 GHz
Rev. 1.1
SOF-1507-M1 ERAVANT-SOF-1507-M1 Datasheet
428Kb / 3P
V-Band Wide Mechanical Tuning Bandwidth Gunn Oscillator, 59 to 75 GHz
Rev. 1.1
More results

Similar Description - SOF-1917-MI

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4ST079 MACOM-MA4ST079_1 Datasheet
96Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Toshiba Semiconductor
1SV242 TOSHIBA-1SV242_07 Datasheet
275Kb / 3P
TV VHF Wide Band Tuning
logo
M/A-COM Technology Solu...
MAOC-010334 MA-COM-MAOC-010334 Datasheet
262Kb / 5P
Voltage Controlled Oscillator 8.4 - 9.25 GHz Wide Tuning Range
MA4ST079-083 MA-COM-MA4ST079-083 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MA4ST079-083 MA-COM-MA4ST079-083_15 Datasheet
98Kb / 3P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
MAVR-0000XX MA-COM-MAVR-0000XX Datasheet
644Kb / 4P
Surface Mount Hyperabrupt Wide-Band Tuning Varactors
logo
Analog Devices
HMC587LC4B AD-HMC587LC4B Datasheet
285Kb / 6P
Wide Tuning Bandwidth
logo
Pasternack Enterprises,...
PEWGN1000 PASTERNACK-PEWGN1000 Datasheet
378Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 35 GHz, Tuning Range 3 GHz, Phase Noise -95 dBc/Hz, Band, WR-28 With UG-599/U
PEWGN1001 PASTERNACK-PEWGN1001 Datasheet
382Kb / 3P
Waveguide Gunn Oscillator, Center Frequency 24.125 GHz, Tuning Range 1,000 MHz
logo
Dynex Semiconductor
AC2001 DYNEX-AC2001 Datasheet
267Kb / 2P
Millimeter Wave gunn Oscillator Module
January 2000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com