Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000708 Datasheet(PDF) 1 Page - Belden Inc.

Part # 511000708
Description  Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

511000708 Datasheet(HTML) 1 Page - Belden Inc.

  511000708 Datasheet HTML 1Page - Belden Inc. 511000708 Datasheet HTML 2Page - Belden Inc. 511000708 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: RSWPA 3-802
Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2+PE), black
body, 600 V, 18 A; TPE black cable, 14 AWG
Product Description
Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2+PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
Technical Drawing
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
7/8"
Brand:
Lumberg Automation
Connector Type:
Cordset, single ended
Type of Contact / Gender:
male
Connector Design:
angled
Number of Pins:
3(2+PE)
Shielding:
Unshielded
Attachment Type:
Coupling Nut
Rated Voltage (UL):
600 V
Rated Current (UL)*:
18 A
Ambient Temperature (Operation)*:
-30 °C to +90 °C
Protection Degree / IP Rating**:
IP 67, IP 68
Materials
Contact Base Material:
CuSn


Similar Part No. - 511000708

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
511000718 BELDEN-511000718 Datasheet
445Kb / 2P
Mini Power Single-Ended Cordset: 7/8", female, straight, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000719 BELDEN-511000719 Datasheet
445Kb / 2P
Mini Power Single-Ended Cordset: 7/8", female, straight, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000720 BELDEN-511000720 Datasheet
445Kb / 2P
Mini Power Single-Ended Cordset: 7/8", female, straight, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000721 BELDEN-511000721 Datasheet
445Kb / 2P
Mini Power Single-Ended Cordset: 7/8", female, straight, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
511000722 BELDEN-511000722 Datasheet
445Kb / 2P
Mini Power Single-Ended Cordset: 7/8", female, straight, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
More results

Similar Description - 511000708

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060034 MOLEX-1300060034 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 1.0m (3.28) Length
03/14/2023
1300061153 MOLEX-1300061153 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 2.0m (6.56) Length
04/05/2023
1300062455 MOLEX-1300062455 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 1.0m (3.28) Length
03/27/2023
1300062457 MOLEX-1300062457 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 3.0m (9.84) Length
04/03/2023
1300062459 MOLEX-1300062459 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/27/2023
1300062462 MOLEX-1300062462 Datasheet
27Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 10.0m (32.81) Length
03/28/2023
1300062565 MOLEX-1300062565 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 3.0m (9.84) Length
03/12/2023
1300062566 MOLEX-1300062566 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 5.0m (16.40) Length
03/10/2023
1300062567 MOLEX-1300062567 Datasheet
29Kb / 2P
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
04/05/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com