Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

511000708 Datasheet(PDF) 2 Page - Belden Inc.

Part # 511000708
Description  Mini Power Single-Ended Cordset: 7/8", male, angled, 3-pin(2PE), black body, 600 V, 18 A; TPE black cable, 14 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

511000708 Datasheet(HTML) 2 Page - Belden Inc.

  511000708 Datasheet HTML 1Page - Belden Inc. 511000708 Datasheet HTML 2Page - Belden Inc. 511000708 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Contact Plating:
Ni/Au
Contact Bearer Material:
PVC
Contact Bearer Color:
black
Molded Body Material:
PVC
Molded Body Color:
black
Attachment Material:
CuZn
Cable Data
Cable Number:
802
Conductor Size:
14 AWG
Number of Wires:
3
Cable Jacket Material:
TPE
Cable Jacket Color:
black
Cable Diameter D:
ø 0.359"
Wire Insulation Material:
PVC/NYLON
Ambient Temperature (Fixed Installation): -30 °C to +90 °
Flammability Class (Cable Jacket):
FT-4
Approvals
UL-File:
E482233
UL:
TC-ER
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Oil Resistance:
Oil Res I/II
UV Resistance:
Sunlight Res
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Variants
Item #
Item Description
Cable Length
511000695 RSWPA 3-802/0.5M 0.5 m
511000696 RSWPA 3-802/1M
1 m
511000698 RSWPA 3-802/2M
2 m
511000700 RSWPA 3-802/3M
3 m
511000701 RSWPA 3-802/4M
4 m
511000702 RSWPA 3-802/5M
5 m
511000703 RSWPA 3-802/6M
6 m
511000704 RSWPA 3-802/8M
8 m
511000705 RSWPA 3-802/10M
10 m
511000706 RSWPA 3-802/12M
12 m
511000707 RSWPA 3-802/14M
14 m
511000708 RSWPA 3-802/15M
15 m
511000709 RSWPA 3-802/18M
18 m
511000710 RSWPA 3-802/20M
20 m
511000711 RSWPA 3-802/22M
22 m
511000712 RSWPA 3-802/25M
25 m
511000713 RSWPA 3-802/30M
30 m
511000714 RSWPA 3-802/35M
35 m
511000715 RSWPA 3-802/40M
40 m
511000716 RSWPA 3-802/45M
45 m
511000717 RSWPA 3-802/50M
50 m
511000697 RSWPA 3-802/1.5M 1.5 m
511000699 RSWPA 3-802/2.5M 2.5 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com