Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG200RGTR Datasheet(PDF) 3 Page - Texas Instruments

Part # LOG200RGTR
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTR Datasheet(HTML) 3 Page - Texas Instruments

  LOG200RGTR Datasheet HTML 1Page - Texas Instruments LOG200RGTR Datasheet HTML 2Page - Texas Instruments LOG200RGTR Datasheet HTML 3Page - Texas Instruments LOG200RGTR Datasheet HTML 4Page - Texas Instruments LOG200RGTR Datasheet HTML 5Page - Texas Instruments LOG200RGTR Datasheet HTML 6Page - Texas Instruments LOG200RGTR Datasheet HTML 7Page - Texas Instruments LOG200RGTR Datasheet HTML 8Page - Texas Instruments LOG200RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4 Pin Configuration and Functions
1
I1
12
OUTB
2
VCM
11
OUTA
3
I2
10
REFA
4
IREF
9
REF165
Not to scale
Thermal Pad
Figure 4-1. RGT Package, 16-Pin VQFN (Top View)
1
2
3
4
A
B
C
D
Not to scale
VS+
OUTA
OUTB
–IN
VS–
REF165
REFA
+IN
REFGND
REF25
VCM2
IBIAS
IREF
I2
VCM
I1
Figure 4-2. YBH Package, 16-Pin DSBGA (Top
View)
Table 4-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
RGT (VQFN)
YBH (DSBGA)
+IN
14
B4
Input
Auxiliary op-amp voltage non-inverting input
–IN
13
A4
Input
Auxiliary op-amp voltage inverting input
I1
1
D4
Input
Current input for logarithm numerator
I2
3
D2
Input
Current input for logarithm denominator
IBIAS
15
C4
Output
Photodiode adaptive biasing current output
IREF
4
D1
Output
Reference current output
REFA
10
B3
Input
Logarithmic difference amplifier reference input
OUTA
11
A2
Output
Logarithmic difference amplifier output
OUTB
12
A3
Output
Auxiliary op-amp voltage output
REF165
9
B2
Output
1.65V voltage reference output
REF25
5
C2
Output
2.5V voltage reference output
REFGND
6
C1
Power
Voltage reference negative potential
VCM
2
D3
Input
Input common-mode voltage
VCM2
16
C3
Input
Input common-mode voltage. Connect to VCM.
VS+
8
A1
Power
Positive supply voltage
VS–
7
B1
Power
Negative supply voltage
Thermal Pad
PAD
N/A
—
Thermal Pad. Connect to VCM to minimize leakage on I1 pin.
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com